Electronic Components Datasheet Search
  English  ▼

X  

1SS388 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # 1SS388
Description  High Speed Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

1SS388 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  1SS388 Datasheet HTML 1Page - Diode Semiconductor Korea 1SS388 Datasheet HTML 2Page - Diode Semiconductor Korea 1SS388 Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High Speed Switching Diode
1SS388
FEATURES
Pb
Lead-free
Low forward voltage.
Low reverse current.
Small package.
APPLICATIONS
High-speed switching in surface mounted circuits.
SOD-523
ORDERING INFORMATION
Type No.
Marking
Package Code
1SS388
S3
SOD-523
MAXIMUM RATING @ Ta=25
℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Peak reverse voltage
VRM
45
V
DC Reverse voltage
VR
40
V
Continuous forward current
IF
100
mA
Surge current
IFSM
1
A
Total power dissipation
Ptot
150
mW
Junction temperature
Tj
125
℃
Storage temperature
Tstg
-55-125
℃
ELECTRICAL CHARACTERISTICS @ Ta=25
℃ unless otherwise specified
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
0.28
V
IF=1mA
0.36
V
IF=10mA
Forward voltage
VF
0.54
0.60
V
IF=50mA
Reverse current
IR
5
μA
VR=10V
Diode capacitance
Cd
18
25
pF
VR=0,f=1MHz
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - 1SS388

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS388 TOSHIBA-1SS388 Datasheet
123Kb / 2P
DIODE (HGH SPEED SWITCHING APPLICATION)
07-May-1997
1SS388 TOSHIBA-1SS388 Datasheet
217Kb / 3P
High Speed Switching Application
01-Nov-2007
logo
Galaxy Semi-Conductor H...
1SS388 BILIN-1SS388 Datasheet
249Kb / 3P
High Speed Switching Diode
Rev.A
logo
Guangdong Kexin Industr...
1SS388 KEXIN-1SS388 Datasheet
32Kb / 1P
HIGH SPEED SWITCHING APPLICATION
logo
SEMTECH ELECTRONICS LTD...
1SS388 SEMTECH_ELEC-1SS388 Datasheet
217Kb / 3P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
More results

Similar Description - 1SS388

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com