Electronic Components Datasheet Search
  English  ▼

X  

1SS404 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # 1SS404
Description  Silicon Epitaxial Planar Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

1SS404 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  1SS404 Datasheet HTML 1Page - Diode Semiconductor Korea 1SS404 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicon Epitaxial Planar Diode
1SS404
FEATURES
Small surface mounting type.
High speed.
High reliability with high surge current handing capability
APPLICATIONS
SOD-323
High speed switching
ORDERING INFORMATION
Type No.
Marking
Package Code
1SS404
S51
SOD-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Peak reverse voltage
VRM
25
V
DC Reverse Voltage
VR
20
V
Peak forward Current
IFM
700
mA
Average Rectified Output Current
IO
300
mA
Power Dissipation
PD
200
mW
Junction temperature
Tj
125
℃
Storage temperature
TSTG
-55~+125
℃
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Min.
TYP.
Max.
Unit
Conditions
Forward voltage
VF
0.16
0.22
0.38
0.45
V
IF=1mA
IF=10mA
IF=300mA
Reverse current
IR
50
μA
VR=20V
Capacitance between terminals
CT
46
pF
VR=0V,f=1MHz
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - 1SS404

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
High Speed SWITCHING Diodes
logo
Toshiba Semiconductor
1SS404 TOSHIBA-1SS404 Datasheet
120Kb / 3P
Silicon Epitaxial Schottky Barrier Type
logo
Galaxy Semi-Conductor H...
1SS404 BILIN-1SS404 Datasheet
145Kb / 2P
Silicon Epitaxial Planar Diode
Rev.A
logo
Rectron Semiconductor
1SS404 RECTRON-1SS404 Datasheet
137Kb / 3P
HIGH SPEED SWITCHING DIODES
logo
Micro Commercial Compon...
1SS404 MCC-1SS404 Datasheet
162Kb / 2P
High Speed Switching Diode
More results

Similar Description - 1SS404

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS160E KEC-KDS160E Datasheet
88Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
BAS316 BILIN-BAS316 Datasheet
355Kb / 4P
Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
HSM2692 KEXIN-HSM2692 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
KDV262 KEXIN-KDV262 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
KDV287 KEXIN-KDV287 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
MA2ZV02 KEXIN-MA2ZV02 Datasheet
33Kb / 1P
Silicon Epitaxial Planar Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com