Electronic Components Datasheet Search
  English  ▼

X  

TPS68625 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS68625
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS68625 Datasheet(HTML) 2 Page - Texas Instruments

  TPS68625 Datasheet HTML 1Page - Texas Instruments TPS68625 Datasheet HTML 2Page - Texas Instruments TPS68625 Datasheet HTML 3Page - Texas Instruments TPS68625 Datasheet HTML 4Page - Texas Instruments TPS68625 Datasheet HTML 5Page - Texas Instruments TPS68625 Datasheet HTML 6Page - Texas Instruments TPS68625 Datasheet HTML 7Page - Texas Instruments TPS68625 Datasheet HTML 8Page - Texas Instruments TPS68625 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
TPS78601, TPS78618
TPS78625, TPS78628
TPS78630, TPS78633
SLVS389D – SEPTEMBER 2002 – REVISED OCTOBER 2004
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
AVAILABLE OPTIONS(1)
TRANSPORT MEDIA,
PRODUCT
VOLTAGE
PACKAGE
TJ
SYMBOL
PART NUMBER
QUANTITY
TPS78601DCQ
Tube, 78
SOT223-6
PS78601
TPS78601
1.2 to 5.5 V
TPS78601DCQR
Tape and Reel, 2500
DDPAK
TPS78601
TPS78601KTT
Reel, 500
TPS78618DCQ
Tube, 78
SOT223-6
PS78618
TPS78618
1.8 V
TPS78618DCQR
Tape and Reel, 2500
DDPAK
TPS78618
TPS78618KTT
Reel, 500
TPS78625DCQ
Tube 78
SOT223-6
PS78625
TPS78625
2.5 V
TPS78625DCQR
Tape and Reel, 2500
DDPAK
TPS78625
TPS78625KTT
Reel, 500
-40
°C to 125°C
TPS78628DCQ
Tube 78
SOT223-6
PS78628
TPS78628
2.8 V
TPS78628DCQR
Tape and Reel, 2500
DDPAK
TPS78628
TPS78628KTT
Reel, 500
TPS78630DCQ
Tube 78
SOT223-6
PS78630
TPS78630
3.0 V
TPS78630DCQR
Tape and Reel, 2500
DDPAK
TPS78630
TPS78630KTT
Reel, 500
TPS78633DCQ
Tube 78
SOT223-6
PS78633
TPS78633
3.3 V
TPS78633DCQR
Tape and Reel, 2500
DDPAK
TPS78633
TPS78633KTT
Reel, 500
(1)
For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet.
over operating temperature (unless otherwise noted)(1)
VALUE
VIN range
-0.3 V to 6 V
VEN range
-0.3 V to VIN + 0.3 V
VOUT range
6 V
Peak output current
Internally limited
ESD rating, HBM
2 kV
ESD rating, CDM
500 V
Continuous total power dissipation
See Dissipation Ratings table
Junction temperature range, TJ
-40
°C to 150°C
Storage temperature range, Tstg
-65
°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com