Electronic Components Datasheet Search
  English  ▼

X  

BAT54T Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # BAT54T
Description  Surface Mount Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAT54T Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  BAT54T Datasheet HTML 1Page - Diode Semiconductor Korea BAT54T Datasheet HTML 2Page - Diode Semiconductor Korea BAT54T Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Surface Mount Schottky Barrier Diode
BAT54T/AT/CT/ST
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN MAX
UNIT
Reverse breakdown voltage
V(BR)R
IR=100μA
30
V
Leakage current
IR
VR=25V
2.0
μA
Forward voltage
VF
IF=0.1mA
IF=1.0mA
IF=10mA
IF=30mA
IF=100mA
240
320
400
500
1000
mV
Typical total capacitance
CT
VR=1.0V,f=1MHz
10
pF
Reverse recovery Time
trr
IF=IR=10mA,to IR=1.0mA RL=100Ω
5.0
ns
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com