Electronic Components Datasheet Search
  English  ▼

X  

BAT60B Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # BAT60B
Description  Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAT60B Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  BAT60B Datasheet HTML 1Page - Diode Semiconductor Korea BAT60B Datasheet HTML 2Page - Diode Semiconductor Korea BAT60B Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Diode
BAT60B
FEATURES
Low voltage,Low inductance.
High current rectifier schottky diode.
For power supply.
For detection and step-up-conversion.
APPLICATIONS
Schottky barrier detector.
SOD-323
ORDERING INFORMATION
Type No.
Marking
Package Code
BAT60B
W5
•
SOD-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Peak reverse voltage
VRM
10
V
DC Reverse Voltage
VR
10
V
Average Rectified Output Current
IO
3
A
Forward Surge Current
IFSM
5
A
Total Power Dissipation
Ptot
350
mW
Junction temperature
Tj
150
℃
Storage temperature range
Tstg
-55-150
℃
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
IF=10mA
0.2
0.24
0.3
V
IF=100mA
0.26
0.32
0.38
V
IF=500mA
0.32
0.4
0.5
V
Forward voltage
VF
IF=1000mA
0.36
0.48
0.6
V
VR=5v
5
15
Reverse current
IR
VR=8v
10
25
μA
Capacitance between terminals
CT
VR=5v,f=1MHz
12
25
30
pF
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - BAT60B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT60B SIEMENS-BAT60B Datasheet
25Kb / 3P
Silicon Schottky Diode (Rectifier Schottky diode for mobile communication Low voltage high inductane For power supply
logo
Infineon Technologies A...
BAT60B INFINEON-BAT60B Datasheet
419Kb / 4P
Silicon Schottky Diode
Jun-15-2004
logo
Jiangsu Changjiang Elec...
BAT60B JIANGSU-BAT60B Datasheet
156Kb / 3P
SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
BAT60B BILIN-BAT60B Datasheet
213Kb / 3P
Schottky Barrier Diode
logo
Guangdong Kexin Industr...
BAT60B KEXIN-BAT60B Datasheet
35Kb / 1P
Schottky Diodes
More results

Similar Description - BAT60B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com