Electronic Components Datasheet Search
  English  ▼

X  

DB151S Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # DB151S
Description  REVERSE VOLTAGE - 50 to 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

DB151S Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  DB151S Datasheet HTML 1Page - Bruckewell Technology LTD DB151S Datasheet HTML 2Page - Bruckewell Technology LTD DB151S Datasheet HTML 3Page - Bruckewell Technology LTD DB151S Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DB151S thru DB157S
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 1.5 Amperes
Publication Order Number: [DB151S thru DB157S]
© Bruckewell Technology Corporation Rev. A -2014
Features
• Rating to 1000V PRV
• Ideal for printed circuit board
• Low forward voltage drop,high current capability
• Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
• The plastic material has UL flammability classification
94V-0
• RoHS compliant package
Mechanical Data
• Polarit:As marked on body
• Weight:0.02 ounces,0.38 grams
• Mounting position:Any
Packing & Order Information
5,000/Reel
Graphic symbol
MAXIMUM RATINGS AND THERMAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified, Single phase, half wave, 60Hz,
Resistive or Inductive load, For Capacitive load, derate current by 20%.
CHARACTERISTICS
DB151S
DB152S
DB153S
DB154S
DB155S
DB156S
DB157S
UNITS
Maximum repetitive peak
reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRWS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
100
V
Maximum average forward
rectified current at TA=40°C
IF(AV)
1.5
A
Peak forward surge current
8.3ms single half-sine-wave
Super
Imposed
on
Rated
Load (JEDEC Method)
IFSM
50
A


Similar Part No. - DB151S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB151S RECTRON-DB151S Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Dc Components
DB151S DCCOM-DB151S Datasheet
395Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Formosa MS
DB151S FORMOSA-DB151S Datasheet
64Kb / 2P
SINGLE PHASE 1.5 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
DB151S BILIN-DB151S Datasheet
74Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Rectron Semiconductor
DB151S RECTRON-DB151S Datasheet
31Kb / 3P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
More results

Similar Description - DB151S

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
US1A PACELEADER-US1A Datasheet
129Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US1AB PACELEADER-US1AB Datasheet
135Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US2AB PACELEADER-US2AB Datasheet
137Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US3AB PACELEADER-US3AB Datasheet
156Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US3AC PACELEADER-US3AC Datasheet
147Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
logo
Yea Shin Technology Co....
UF1AS YEASHIN-UF1AS Datasheet
48Kb / 3P
SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
UF2A YEASHIN-UF2A Datasheet
39Kb / 2P
SURFACEMOUNT REVERSE VOLTAGE - 50 to 1000 Volts
US1A YEASHIN-US1A Datasheet
38Kb / 2P
SURFACEMOUNT REVERSE VOLTAGE - 50 to 1000 Volts
US2A YEASHIN-US2A Datasheet
192Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
logo
Shenzhen Luguang Electr...
S8AC LUGUANG-S8AC Datasheet
498Kb / 2P
Reverse Voltage :50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com