Electronic Components Datasheet Search
  English  ▼

X  

BAV199DW Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # BAV199DW
Description  Surface Mount Fast Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAV199DW Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  BAV199DW Datasheet HTML 1Page - Diode Semiconductor Korea BAV199DW Datasheet HTML 2Page - Diode Semiconductor Korea BAV199DW Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Surface Mount Fast Switching Diodes
BAV199DW
Parameter
Symbo
l
Test conditions
MIN
MAX
UNIT
Reverse breakdown voltage
V(BR)R
IR=100μA
85
-
V
Forward voltage
VF
IF=1.0mA
IF=10mA
IF=50mA
IF=150mA
-
0.9
1.0
1.1
1.25
V
Junction Capacitance
CJ
VR=0V,f=1.0MHz
-
2.0
pF
Reverse Recovery time
trr
IF=IR=10mA,Irr=0.1*IR,RL=100Ω
-
3.0
ns
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com