Electronic Components Datasheet Search
  English  ▼

X  

BC856A Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # BC856A
Description  PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BC856A Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  BC856A Datasheet HTML 1Page - Bruckewell Technology LTD BC856A Datasheet HTML 2Page - Bruckewell Technology LTD BC856A Datasheet HTML 3Page - Bruckewell Technology LTD BC856A Datasheet HTML 4Page - Bruckewell Technology LTD BC856A Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BC856A-BC858C
PNP SURFACE MOUNT SMALL
SIGNAL TRANSISTOR IN SOT23
Publication Order Number: [BC856A-BC858C]
© Bruckewell Technology Corporation Rev. A -2014
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum Ratings (Tc=25°C unless otherwise noted)
Symbol
Parameter
BC856A,B
BC857A,B
BC858A,B,C
Unit
VCEO
Collector-Emitter Voltage
-65
-45
-30
Vdc
VCBO
Collector-Base Voltage
-80
-50
-30
Vdc
VEBO
Emitter-Base Voltage
-5
-5
-5
Vdc
Ic
Collector Current Continuous
-100
-100
-100
mAdc
THERMAL CHARACTERISTICS
Symbol
Parameter
Max
Unit
PD(Ta=25°C)
TotalDevice Dissipation
FR-5 Board(1), TA=25° Derate above25°
225
mW
1.8
mW/°C
PD(Ta=25°C)
TotalDevice Dissipation
Alumina Substrate, TA=25° Derate above25°
300
mW
2.4
mW/°C
RθJA
Thermal Resistance Junction to Ambient
80
V
TJ ,Tstg
Junction and Storage Temperature
55 to +150
°C
Electrical characteristics (Tc=25°C unless otherwise noted)
OFF CHARACTERISTICS
Symbol
Parameter
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
(Ic=-10mAdc,IB=0)
BC856A,B
-65
V
BC857A,B
-45
V
BC858A,B,C
-30
V
V(BR)CBO
Collector-Base Breakdown Voltage
(Ic=-
10μAdc,IE=0)
BC856A,B
-80
V
BC857A,B
-50
V
BC858A,B,C
-30
V
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=-
10μAdc,Ic=0)
BC856A,B
-5
V
BC857A,B
-5
V
BC858A,B,C
-5
V
IBO
Collector Cutoff Current V
V
(VCB=-30v)
-15
nA
(VcB=-30Vdc,TA=150°C)
-4
uA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com