Electronic Components Datasheet Search
  English  ▼

X  

DS75154M Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS75154M
Description  Quad Line Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS75154M Datasheet(HTML) 6 Page - National Semiconductor (TI)

  DS75154M Datasheet HTML 1Page - National Semiconductor (TI) DS75154M Datasheet HTML 2Page - National Semiconductor (TI) DS75154M Datasheet HTML 3Page - National Semiconductor (TI) DS75154M Datasheet HTML 4Page - National Semiconductor (TI) DS75154M Datasheet HTML 5Page - National Semiconductor (TI) DS75154M Datasheet HTML 6Page - National Semiconductor (TI) DS75154M Datasheet HTML 7Page - National Semiconductor (TI) DS75154M Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DC Test Circuits and Truth Tables
(Continued)
AC Test Circuit and Switching Time Waveforms
DS005795-6
Each output is tested separately.
FIGURE 4. I
OS
DS005795-7
All four line receivers are tested simultaneously.
FIGURE 5. I
CC
DS005795-8
Note 1: The pulse generator has the following characteristics: ZOUT =50Ω,tW = 200 ns, duty cycle ≤ 20%.
Note 2: CL includes probe and jig capacitance.
DS005795-9
FIGURE 6.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com