Electronic Components Datasheet Search
  English  ▼

X  

BAT54CDW Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # BAT54CDW
Description  SOT-363 Plastic-Encapsulate Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BAT54CDW Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  BAT54CDW Datasheet HTML 1Page - Bruckewell Technology LTD BAT54CDW Datasheet HTML 2Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT-363 Plastic-Encapsulate Diodes
BAT54ADW /BAT54BRW /
BAT54CDW /BAT54SDW /BAT54TW
SCHOTTKY BARRIER DIODE ARRAYS
FEATURES
Low Forward Voltage Drop
Fast Switching
Small Surface Mount Package
PN Junction Guard Ring for Transient and ESD Protection
Available in Lead Free Version
MARKING:
BAT54ADW
BAT54BRW
BAT54CDW
BAT54SDW
BAT54TW
MARKING: KL6
MARKING: KLB
MARKING: KL7
MARKING:KL8
MARKING: KLA
MAXIMUM RATINGS ( Ta=25℃ unless otherwise noted )
Symbol
Parameter
Value
Unit
VRRM
Repetitive Peak Reverse Voltage
VRWM
Peak Working Reverse Voltage
VR
DC Blocking Voltage
30
V
IO
Forward Continuous Current
200
mA
IFRM
Repetitive Peak Forward Current
300
IFSM
Non-repetitive Peak Forward Surge Current @t≤1s
600
mA
PD
Power Dissipation
200
mW
RΘJA
Thermal Resistance From Junction To Ambient
500
℃/W
Tj
Junction Temperature
125
℃
Tstg
Storage Temperature
-55~+150
℃
SOT-363


Similar Part No. - BAT54CDW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54CDW DIODES-BAT54CDW Datasheet
83Kb / 4P
Sub-miniature Schottky Diodes & Arrays in
BAT54CDW DIODES-BAT54CDW Datasheet
47Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30152 Rev. 7 - 2
logo
Weitron Technology
BAT54CDW WEITRON-BAT54CDW Datasheet
533Kb / 4P
Surface Mount Schottky Barrier Diodes Arrays
logo
Diodes Incorporated
BAT54CDW DIODES-BAT54CDW Datasheet
94Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30152 Rev. 11 - 2
logo
TRANSYS Electronics Lim...
BAT54CDW TEL-BAT54CDW Datasheet
130Kb / 1P
SCHOTTKY DIODE
More results

Similar Description - BAT54CDW

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
BAS16TW1T1 WILLAS-BAS16TW1T1 Datasheet
368Kb / 3P
SOT-363 Plastic-Encapsulate Diodes
BAV70DW WILLAS-BAV70DW Datasheet
368Kb / 3P
SOT-363 Plastic-Encapsulate Diodes
MMBD4148TW WILLAS-MMBD4148TW Datasheet
391Kb / 3P
SOT-363 Plastic-Encapsulate Diodes
logo
Nanjing International G...
BAS40TW DGNJDZ-BAS40TW Datasheet
1Mb / 4P
SOT-363 Plastic-Encapsulate Diodes
BAT54ADW DGNJDZ-BAT54ADW Datasheet
946Kb / 5P
SOT-363 Plastic-Encapsulate Diodes
MMBD4448DW DGNJDZ-MMBD4448DW Datasheet
1Mb / 4P
SOT-363 Plastic-Encapsulate Diodes
MMBD4448TW DGNJDZ-MMBD4448TW Datasheet
1Mb / 4P
SOT-363 Plastic-Encapsulate Diodes
BAS16TW DGNJDZ-BAS16TW Datasheet
1Mb / 4P
SOT-363 Plastic-Encapsulate Diodes
BAS19AVD DGNJDZ-BAS19AVD Datasheet
1Mb / 4P
SOT-363 Plastic-Encapsulate Diodes
BAS21TW DGNJDZ-BAS21TW Datasheet
1Mb / 4P
SOT-363 Plastic-Encapsulate Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com