Electronic Components Datasheet Search
  English  ▼

X  

TPS62301DRCRG4 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62301DRCRG4
Description  500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62301DRCRG4 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS62301DRCRG4 Datasheet HTML 12Page - Texas Instruments TPS62301DRCRG4 Datasheet HTML 13Page - Texas Instruments TPS62301DRCRG4 Datasheet HTML 14Page - Texas Instruments TPS62301DRCRG4 Datasheet HTML 15Page - Texas Instruments TPS62301DRCRG4 Datasheet HTML 16Page - Texas Instruments TPS62301DRCRG4 Datasheet HTML 17Page - Texas Instruments TPS62301DRCRG4 Datasheet HTML 18Page - Texas Instruments TPS62301DRCRG4 Datasheet HTML 19Page - Texas Instruments TPS62301DRCRG4 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
www.ti.com
LOW-DROPOUT OPERATION 100% DUTY CYCLE
ENABLE
UNDERVOLTAGE LOCKOUT
SHORT-CIRCUIT PROTECTION
THERMAL SHUTDOWN
TPS62300, TPS62301, TPS62302
TPS62303, TPS62305, TPS62311
TPS62313, TPS62320, TPS62321
SLVS528B – JULY 2004 – REVISED JUNE 2005
DETAILED DESCRIPTION (continued)
In 100% duty cycle mode, the TPS6230x, TPS6231x, and TPS6232x offer a low input-to-output voltage
difference. In this mode, the P-channel MOSFET is constantly turned on. This is particularly useful in
battery-powered applications to achieve the longest operation time by taking full advantage of the whole battery
voltage range. The minimum input voltage to maintain regulation, depending on the load current and output
voltage, can be calculated as:
•
VI(MIN) = VO(MAX) + IO(MAX) x (rDS(on) MAX + RL)
•
IO(MAX) : Maximum output current
•
rDS(on) MAX : Maximum P-channel switch rDS(on)
•
RL : DC resistance of the inductor
•
VO(MAX) : nominal output voltage plus maximum output voltage tolerance
The device starts operation when EN is set high and starts up with the soft start as previously described.
Pulling the EN pin low forces the device into shutdown, with a shutdown quiescent current of typically 0.1
µA. In
this mode, the P and N-channel MOSFETs are turned off, the internal resistor feedback divider is disconnected,
and the entire internal-control circuitry is switched off. When an output voltage is present during shutdown mode,
which can be caused by an external voltage source or super capacitor, the reverse leakage is specified under
electrical characteristics. For proper operation, the EN pin must be terminated and must not be left floating.
In addition, the TPS6232x devices integrate a resistor, typically 35
Ω, to actively discharge the output capacitor
when the device turns off. The required time to discharge the output capacitor at VO depends on load current.
The undervoltage lockout circuit prevents the device from misoperation at low input voltages. It prevents the
converter from turning on the switch or rectifier MOSFET under undefined conditions.
The TPS6231x devices have a UVLO threshold set to 2 V (typical). Fully functional operation is permitted down
to 2.4 V input voltage. EN is set low for input voltages lower than 2.4 V to avoid the possibility of misoperation.
TPS6231x devices are to be considered where the user requires direct control of the turn-off sequence as part of
a larger power management system.
As soon as the output voltage falls below 50% of the nominal output voltage, the converter current limit is
reduced by 50% of the nominal value. Because the short-circuit protection is enabled during start-up, the device
does not deliver more than half of its nominal current limit until the output voltage exceeds 50% of the nominal
output voltage. This needs to be considered when a load acting as a current sink is connected to the output of
the converter.
As soon as the junction temperature, TJ, exceeds typically 150°C, the device goes into thermal shutdown. In this
mode, the P- and N-channel MOSFETs are turned off. The device continues its operation when the junction
temperature falls below typically 130
°C again.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com