Electronic Components Datasheet Search
  English  ▼

X  

BAT48-40 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # BAT48-40
Description  Surface Mount High Current Density Schottky Rectifiers 1.0 Amp 40V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BAT48-40 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  BAT48-40 Datasheet HTML 1Page - Bruckewell Technology LTD BAT48-40 Datasheet HTML 2Page - Bruckewell Technology LTD BAT48-40 Datasheet HTML 3Page - Bruckewell Technology LTD BAT48-40 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAT48-40
Surface Mount High Current Density
Schottky Rectifiers 1.0 Amp 40V
Publication Order Number: BAT48-40
©Bruckewell Technology Corporation Rev. A -2015
Electrical characteristics (Tc=25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Typical
Max
Instantaneous forward voltage at IF=200mA, Tj=25°C
VF
0.35
0.38
V
IF=500mA, Tj=25°C
0.41
0.45
IF=1.0A, Tj=25°C
0.49
0.53
IF=200mA, Tj=125°C
0.23
0.25
IF=500mA, Tj=125°C
0.32
0.35
IF=1.0A, Tj=125°C
0.44
0.48
Maximum reverse current per leg
Tj=25°C
IR
100
u’A
at working peak reverse voltage
Tj=125°C
20
m’A
Thermal characteristics (Tc=25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Typical thermal resistance (Note 1)
RθJA
88
°C/W
RθJC
30
°C/W
Notes:
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width ≤ 40 ms



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com