Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM335 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335
Description  Digital Media System-on-Chip (DMSoC)
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM335 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320DM335 Datasheet HTML 1Page - Texas Instruments TMS320DM335 Datasheet HTML 2Page - Texas Instruments TMS320DM335 Datasheet HTML 3Page - Texas Instruments TMS320DM335 Datasheet HTML 4Page - Texas Instruments TMS320DM335 Datasheet HTML 5Page - Texas Instruments TMS320DM335 Datasheet HTML 6Page - Texas Instruments TMS320DM335 Datasheet HTML 7Page - Texas Instruments TMS320DM335 Datasheet HTML 8Page - Texas Instruments TMS320DM335 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 160 page
background image
TMS320DM335
www.ti.com
SPRS528C – JULY 2008 – REVISED JUNE 2010
1
Digital Media System-on-Chip (DMSoC)
............ 1
3.8
System Control Module
............................. 78
1.1
TMS320DM335 Features
............................ 1
3.9
Pin Multiplexing
..................................... 79
1.2
Description
........................................... 3
3.10
Device Reset
....................................... 80
3.11
Default Device Configurations
...................... 81
1.3
Functional Block Diagram
............................ 4
3.12
Device Boot Modes
................................. 85
Revision History
.............................................. 6
3.13
Power Management
................................ 89
2
Device Overview
........................................ 7
3.14
64-Bit Crossbar Architecture
....................... 91
2.1
Device Characteristics
............................... 7
4
Device Operating Conditions
....................... 95
2.2
Memory Map Summary
.............................. 8
4.1
Absolute Maximum Ratings Over Operating Case
2.3
Pin Assignments
.................................... 10
Temperature Range
2.4
Pin Functions
....................................... 14
(Unless Otherwise Noted)
................................. 95
2.5
Image Data Output - Video Processing Back End
4.2
Recommended Operating Conditions
.............. 96
(VPBE)
.............................................. 16
4.3
Electrical Characteristics Over Recommended
2.6
Asynchronous External Memory Interface (AEMIF)
Ranges of Supply Voltage and Operating Case
...................................................... 19
Temperature (Unless Otherwise Noted)
............ 97
5
DM335 Peripheral Information and Electrical
2.7
DDR Memory Interface
............................. 21
Specifications
.......................................... 98
2.8
GPIO
................................................ 23
5.1
Parameter Information Device-Specific Information
2.9
Multi-Media Card/Secure Digital (MMC/SD)
...................................................... 98
Interfaces
........................................... 28
5.2
Recommended Clock and Control Signal Transition
2.10
Universal Serial Bus (USB) Interface
............... 29
Behavior
............................................ 99
2.11
Audio Interfaces
.................................... 30
5.3
Power Supplies
..................................... 99
5.4
Reset
.............................................. 101
2.12
UART Interface
..................................... 31
5.5
Oscillators and Clocks
............................ 102
2.13
I2C Interface
........................................ 32
5.6
General-Purpose Input/Output (GPIO)
............ 107
2.14
Serial Interface
..................................... 32
5.7
External Memory Interface (EMIF)
................ 109
2.15
Clock Interface
...................................... 33
5.8
MMC/SD
........................................... 117
2.16
Real Time Output (RTO) Interface
................. 34
5.9
Video Processing Sub-System (VPSS) Overview
..................................................... 119
2.17
Pulse Width Modulator (PWM) Interface
........... 34
5.10
USB 2.0
........................................... 131
2.18
System Configuration Interface
..................... 35
5.11
Universal Asynchronous Receiver/Transmitter
2.19
Emulation
........................................... 36
(UART)
............................................ 133
2.20
Pin List
.............................................. 37
5.12
Serial Port Interface (SPI)
......................... 135
2.21
Device Support
..................................... 56
5.13
Inter-Integrated Circuit (I2C)
...................... 138
3
Detailed Device Description
......................... 61
5.14
Audio Serial Port (ASP)
........................... 141
3.1
ARM Subsystem Overview
......................... 61
5.15
Timer
.............................................. 149
3.2
ARM926EJ-S RISC CPU
........................... 62
5.16
Pulse Width Modulator (PWM)
.................... 150
3.3
Memory Mapping
................................... 64
5.17
Real Time Out (RTO)
............................. 152
3.4
ARM Interrupt Controller (AINTC)
.................. 65
5.18
IEEE 1149.1 JTAG
................................ 153
3.5
Device Clocking
.................................... 67
6
Mechanical Data
...................................... 156
3.6
PLL Controller (PLLC)
.............................. 74
6.1
Thermal Data for ZCE
............................. 156
3.7
Power and Sleep Controller (PSC)
................. 78
6.2
Packaging Information
............................ 156
Copyright © 2008–2010, Texas Instruments Incorporated
Contents
5
Submit Documentation Feedback
Product Folder Link(s): TMS320DM335



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com