Electronic Components Datasheet Search
  English  ▼

X  

MMBD452 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # MMBD452
Description  Dual Hot-Carrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MMBD452 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  MMBD452 Datasheet HTML 1Page - Diode Semiconductor Korea MMBD452 Datasheet HTML 2Page - Diode Semiconductor Korea MMBD452 Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dual Hot-Carrier Diodes
MMBD452
FEATURES
Very low capacitance.
Extremely low minority carrier lifetime.
Low reverse leakage.
Power dissipation Pd=225mW.
APPLICATIONS
Designed primarily for UHF and VHF detector
SOT-23
applications.
ORDERING INFORMATION
Type No.
Marking
Package Code
MMBD452
5N
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Continuous reverse voltage
VR
30
V
Power Dissipation
Pd
225
mW
Operating junction temperature range
TJ
-55 to+125
℃
Junction and storage temperature
TSTG
-55 to+150
℃
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reverse Breakdown Voltage
V(BR)
30
V
IR=10μA
Forward voltage
VF
0.38
0.52
0.45
0.6
V
IF=1.0mA
IF=10mA
Reverse current
IR
13
200
nA
VR=25V
Total Capacitanc
CT
0.9
1.5
pF
VR=15V,f=1MHz
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - MMBD452

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD452 PANJIT-MMBD452 Datasheet
58Kb / 4P
SURFACE MOUNT SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
MMBD452 LUGUANG-MMBD452 Datasheet
241Kb / 2P
Dual Hot Carrier Mixer Diodes
logo
Galaxy Semi-Conductor H...
MMBD452 BILIN-MMBD452 Datasheet
155Kb / 3P
Dual Hot-Carrier Diodes
Rev.A
MMBD452 BILIN-MMBD452 Datasheet
212Kb / 3P
Schottky Barrier Diodes
logo
Shenzhen Luguang Electr...
MMBD452 LUGUANG-MMBD452 Datasheet
1Mb / 2P
Dual Hot Carrier Mixer Diodes
More results

Similar Description - MMBD452

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBD352LT1 ONSEMI-MMBD352LT1 Datasheet
41Kb / 4P
Dual Hot Carrier Mixer Diodes
November, 2001 ??Rev. 4
logo
Leshan Radio Company
MMBD352LT1 LRC-MMBD352LT1 Datasheet
45Kb / 2P
Dual Hot Carrier Mixer Diodes
logo
ON Semiconductor
MMBD352LT1 ONSEMI-MMBD352LT1_06 Datasheet
93Kb / 3P
Dual Hot Carrier Mixer Diodes
September, 2006 ??Rev. 6
MMBD352LT1G ONSEMI-MMBD352LT1G_07 Datasheet
122Kb / 3P
Dual Hot Carrier Mixer Diodes
August, 2009 ??Rev. 7
logo
Shenzhen Luguang Electr...
MMBD352 LUGUANG-MMBD352 Datasheet
237Kb / 2P
Dual Hot Carrier Mixer Diodes
MMBD452 LUGUANG-MMBD452 Datasheet
241Kb / 2P
Dual Hot Carrier Mixer Diodes
logo
ON Semiconductor
MMBD352LT1G ONSEMI-MMBD352LT1G Datasheet
127Kb / 3P
Dual Hot Carrier Mixer Diodes
October, 2016 ??Rev. 9
MMBD452LT1G ONSEMI-MMBD452LT1G Datasheet
123Kb / 3P
Dual Hot-Carrier Diodes
October, 2016 ??Rev. 5
logo
Galaxy Semi-Conductor H...
MMBD452 BILIN-MMBD452 Datasheet
155Kb / 3P
Dual Hot-Carrier Diodes
Rev.A
logo
Shenzhen Luguang Electr...
MMBD452 LUGUANG-MMBD452_V01 Datasheet
1Mb / 2P
Dual Hot Carrier Mixer Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com