Electronic Components Datasheet Search
  English  ▼

X  

MMDL301 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # MMDL301
Description  Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MMDL301 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  MMDL301 Datasheet HTML 1Page - Diode Semiconductor Korea MMDL301 Datasheet HTML 2Page - Diode Semiconductor Korea MMDL301 Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Diode
MMDL301
FEATURES
Low reverse leakage—IR=13nA(Typ).
Very Low Capacitance
—less than 1.5pF @15V.
Extremely Low minority carrier lifetime—15ps(Typ).
Pb-Free package is available.
APPLICATIONS
SOD-323
For high-efficiency UHF and VHF detector applications.
ORDERING INFORMATION
Type No.
Marking
Package Code
MMDL301
4T
SOD-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
DC reverse voltage
VR
30
V
Power Dissipation
Pd
200
mW
Thermal resistance,junction to ambient air
RθjA
635
℃/W
Junction temperature
Tj
150
℃
Storage temperature range
Tstg
-55-150
℃
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Reverse Breakdown Voltage
V(BR)R
IR=10μA
30
V
Forward voltage
VF
IF=1.0mA
IF=10mA
0.38
0.52
0.45
0.6
V
Reverse leakage current
IR
VR=25V
13
200
nA
Total capacitance
CT
VR=15V,f=1.0MHz
0.9
1.5
pF
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - MMDL301

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDL301 ONSEMI-MMDL301 Datasheet
39Kb / 4P
Silicon Hot-Carrier Diodes
January, 2000 ??Rev. 0
logo
Shenzhen Luguang Electr...
MMDL301 LUGUANG-MMDL301 Datasheet
238Kb / 2P
Schottky Barrier Diode
logo
Won-Top Electronics
MMDL301 WTE-MMDL301 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
October, 2018
MMDL301-T1 WTE-MMDL301-T1 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
October, 2018
logo
Leshan Radio Company
MMDL301T1 LRC-MMDL301T1 Datasheet
118Kb / 3P
Silicon Hot-Carrier Diodes
More results

Similar Description - MMDL301

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com