Electronic Components Datasheet Search
  English  ▼

X  

2SA1162 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # 2SA1162
Description  Silicon PNP Epitaxial Type Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

2SA1162 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  2SA1162 Datasheet HTML 1Page - Bruckewell Technology LTD 2SA1162 Datasheet HTML 2Page - Bruckewell Technology LTD 2SA1162 Datasheet HTML 3Page - Bruckewell Technology LTD 2SA1162 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA1162
Silicon PNP Epitaxial Type Transistor
Publication Order Number: [2SA1162]
© Bruckewell Technology Corporation Rev. A -2014
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATING @ Ta=25°C unless otherwise specified
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-50
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-150
mA
IB
Base Current
-30
mA
PC
Collector Dissipation
150
mW
Tj
Junction Temperature
125
°C
Tstg
Storage Temperature Range
-55 to +125
°C
ELECTRICAL CHARACTERISTICS @ Ta=25°C unless otherwise specified
Symbol
Parameter
Test Conditions
MIN
TYP
MAX
UNIT
ICBO
Collector cut-off current
VCB = -50 V , IE = 0
-0.1
μA
IEBO
Emitter cut-off current
VEB = -5 V , IC = 0
-0.1
μA
hFE
DC current gain
VCE = -6 V , IC = -2 mA
70
400
VCE(sat)
Collector-emitter saturation voltage
IC = -100mA , IB = -10mA
-0.1
-0.3
V
fT
Transition frequency
VCE = -10 V , IC = -1 mA
60
MHz
Cob
Collector output capacitance
VCB = -10 V , IE = 0
f = 1.0MHz
4
7
pF
NF
Noise figure
VCE = -6 V, IC = -0.1 mA
f = 1.0KHz , Rg = 10k
Ω
1.0
10
dB
*Pulse test: tp≤300μs, δ≤0.02.
hFE CLASSIFICATION
Marking
SO
SY
SR
Rank
O
Y
GR
Range
70-140
120~240
200-400



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com