Electronic Components Datasheet Search
  English  ▼

X  

LM93CIMT Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM93CIMT
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93CIMT Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button LM93CIMT Datasheet HTML 31Page - National Semiconductor (TI) LM93CIMT Datasheet HTML 32Page - National Semiconductor (TI) LM93CIMT Datasheet HTML 33Page - National Semiconductor (TI) LM93CIMT Datasheet HTML 34Page - National Semiconductor (TI) LM93CIMT Datasheet HTML 35Page - National Semiconductor (TI) LM93CIMT Datasheet HTML 36Page - National Semiconductor (TI) LM93CIMT Datasheet HTML 37Page - National Semiconductor (TI) LM93CIMT Datasheet HTML 38Page - National Semiconductor (TI) LM93CIMT Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
16.0 Registers (Continued)
Lock
Register Name
Address
Default
Description
VALUE REGISTERS
Zone 2 (CPU2) Filtered Temp
55h
00h
Filtered value of remote thermal diode temperature channel 2
AD_IN1 Voltage
56h
N/D
Measured value of AD_IN1
AD_IN2 Voltage
57h
N/D
Measured value of AD_IN2
AD_IN3 Voltage
58h
N/D
Measured value of AD_IN3
AD_IN4 Voltage
59h
N/D
Measured value of AD_IN4
AD_IN5 Voltage
5Ah
N/D
Measured value of AD_IN5
AD_IN6 Voltage
5Bh
N/D
Measured value of AD_IN6
AD_IN7 Voltage
5Ch
N/D
Measured value of AD_IN7
AD_IN8 Voltage
5Dh
N/D
Measured value of AD_IN8
AD_IN9 Voltage
5Eh
N/D
Measured value of AD_IN9
AD_IN10 Voltage
5Fh
N/D
Measured value of AD_IN10
AD_IN11 Voltage
60h
N/D
Measured value of AD_IN11
AD_IN12 Voltage
61h
N/D
Measured value of AD_IN12
AD_IN13 Voltage
62h
N/D
Measured value of AD_IN13
AD_IN14 Voltage
63h
N/D
Measured value of AD_IN14
AD_IN15 Voltage
64h
N/D
Measured value of AD_IN15
AD_IN16 Voltage
65h
N/D
Measured value of AD_IN16 (V
DD 3.3V S/B)
Reserved
66h
N/D
Current P1_PROCHOT
67h
00h
Measured P1_PROCHOT throttle percentage
Average P1_PROCHOT
68h
N/D
Average P1_PROCHOT throttle percentage
Current P2_PROCHOT
69h
00h
Measured P2_PROCHOT throttle percentage
Average P2_PROCHOT
6Ah
N/D
Average P2_PROCHOT throttle percentage
GPI State
6Bh
N/D
Current GPIO state
P1_VID
6Ch
N/D
Current 6-bit VID value of Processor 1
P2_VID
6Dh
N/D
Current 6-bit VID value of Processor 2
FAN Tach 1 LSB
6Eh
N/D
Measured FAN Tach 1 LSB
FAN Tach 1 MSB
6Fh
N/D
Measured FAN Tach 1 MSB
FAN Tach 2 LSB
70h
N/D
Measured FAN Tach 2 LSB
FAN Tach 2 MSB
71h
N/D
Measured FAN Tach 2 MSB
FAN Tach 3 LSB
72h
N/D
Measured FAN Tach 3 LSB
FAN Tach 3 MSB
73h
N/D
Measured FAN Tach 3 MSB
FAN Tach 4 LSB
74h
N/D
Measured FAN Tach 4 LSB
FAN Tach 4 MSB
75h
N/D
Measured FAN Tach 4 MSB
Reserved
76h-77h
N/D
LIMIT REGISTERS
Zone 1 (CPU1) Low Temp
78h
80h
Low limit for external thermal diode temperature channel 1 (D1)
measurement
Zone 1 (CPU1) High Temp
79h
80h
High limit for external thermal diode temperature channel 1
(D1) measurement
Zone 2 (CPU2) Low Temp
7Ah
80h
Low limit for external thermal diode temperature channel 2 (D2)
measurement
www.national.com
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com