Electronic Components Datasheet Search
  English  ▼

X  

SS8050W Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # SS8050W
Description  Silicon Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SS8050W Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  SS8050W Datasheet HTML 1Page - Diode Semiconductor Korea SS8050W Datasheet HTML 2Page - Diode Semiconductor Korea SS8050W Datasheet HTML 3Page - Diode Semiconductor Korea SS8050W Datasheet HTML 4Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Silicon Epitaxial Planar Transistor
SS8050W
Parameter
Symbol
Test conditions
MIN
MAX
UNIT
VCE=1V,IC=100mA
120
400
DC current gain
hFE
VCE=1V,IC=800mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=800 mA, IB= 80mA
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=800 mA, IB= 80mA
1.2
V
Base-emitter voltage
VBE
VCE=1V IC=10mA
1
V
Transition frequency
fT
VCE=10V, IC= 50mA
f=30MHz
100
MHz
CLASSIFICATION OF hFE(1)
Rank
L
H
J
Range
120-200
200-350
300-400
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com