Electronic Components Datasheet Search
  English  ▼

X  

SS8550W Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # SS8550W
Description  Silicon Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SS8550W Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  SS8550W Datasheet HTML 1Page - Diode Semiconductor Korea SS8550W Datasheet HTML 2Page - Diode Semiconductor Korea SS8550W Datasheet HTML 3Page - Diode Semiconductor Korea SS8550W Datasheet HTML 4Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Silicon Epitaxial Planar Transistor
SS8550W
FEATURES
Collector Current.(IC= 1.5A
)
Complementary To SS8550W.
Collector Dissipation: PC=0.2W (TC=25°C)
APPLICATIONS
High Collector Current.
SOT-323
ORDERING INFORMATION
Type No.
Marking
Package Code
SS8550W
Y2
SOT-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-40
V
VCEO
Collector-Emitter Voltage
-25
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-1.5
A
PC
Collector Dissipation
0.2
W
Tj,Tstg
Junction and Storage Temperature
-55~150
℃
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - SS8550W

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS8550W BILIN-SS8550W Datasheet
162Kb / 4P
Silicon Epitaxial Planar Transistor
logo
SeCoS Halbleitertechnol...
SS8550W SECOS-SS8550W Datasheet
120Kb / 2P
PNP Silicon General Purpose Transistor
logo
Galaxy Semi-Conductor H...
SS8550W BILIN-SS8550W Datasheet
182Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
SS8550W BILIN-SS8550W Datasheet
309Kb / 4P
Silicon Epitaxial Planar Transistor
SS8550W BILIN-SS8550W_14 Datasheet
182Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
More results

Similar Description - SS8550W

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT4403 CDIL-CMBT4403 Datasheet
132Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SA1037 BILIN-2SA1037 Datasheet
310Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC3356W BILIN-2SC3356W Datasheet
164Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4081W BILIN-2SC4081W Datasheet
217Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4097W BILIN-2SC4097W Datasheet
133Kb / 3P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4177W BILIN-2SC4177W Datasheet
271Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SD596 BILIN-2SD596 Datasheet
264Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
KTA1298 BILIN-KTA1298 Datasheet
216Kb / 4P
Silicon Epitaxial Planar Transistor
SS8050W BILIN-SS8050W Datasheet
160Kb / 4P
Silicon Epitaxial Planar Transistor
STD123 BILIN-STD123 Datasheet
268Kb / 4P
Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com