Electronic Components Datasheet Search
  English  ▼

X  

DS75176B Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS75176B
Description  Multipoint RS-485/RS-422 Transceivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS75176B Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS75176B Datasheet HTML 1Page - National Semiconductor (TI) DS75176B Datasheet HTML 2Page - National Semiconductor (TI) DS75176B Datasheet HTML 3Page - National Semiconductor (TI) DS75176B Datasheet HTML 4Page - National Semiconductor (TI) DS75176B Datasheet HTML 5Page - National Semiconductor (TI) DS75176B Datasheet HTML 6Page - National Semiconductor (TI) DS75176B Datasheet HTML 7Page - National Semiconductor (TI) DS75176B Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage, V
CC
7V
Control Input Voltages
7V
Driver Input Voltage
7V
Driver Output Voltages
+15V/ −10V
Receiver Input Voltages (DS75176B)
+15V/ −10V
Receiver Output Voltage
5.5V
Continuous Power Dissipation @
25˚C
for M Package
675 mW (Note 5)
for N Package
900 mW (Note 4)
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering, 4 seconds)
260˚C
ESD Rating (HBM)
500V
Recommended Operating
Conditions
Min
Max Units
Supply Voltage, V
CC
4.75 5.25
V
Voltage at Any Bus Terminal
−7
+12
V
(Separate or Common Mode)
Operating Free Air Temperature T
A
DS75176B
0
+70
˚C
DS75176BT
−40
+85
˚C
Differential Input Voltage,
VID (Note 6)
−12
+12
V
Electrical Characteristics (Notes 2, 3)
0˚C
≤ T
A
≤ 70˚C, 4.75V < V
CC< 5.25V unless otherwise specified
Symbol
Parameter
Conditions
Min Typ Max
Units
V
OD1
Differential Driver Output
I
O =0
5
V
Voltage (Unloaded)
V
OD2
Differential Driver Output
(Figure 1)
R=50
Ω; (RS-422) (Note 7)
2
V
Voltage (with Load)
R = 27
Ω; (RS-485)
1.5
V
∆V
OD
Change in Magnitude of Driver
Differential Output Voltage For
0.2
V
Complementary Output States
V
OC
Driver Common Mode Output
(Figure 1)
R=27
Ω
3.0
V
Voltage
∆|V
OC|
Change in Magnitude of Driver
Common Mode Output Voltage
0.2
V
For Complementary Output
States
V
IH
Input High Voltage
2V
V
IL
Input Low Voltage
DI, DE,
0.8
V
CL
Input Clamp Voltage
RE , E
I
IN = −18 mA
−1.5
I
IL
Input Low Current
V
IL = 0.4V
−200
µA
I
IH
Input High Current
V
IH = 2.4V
20
µA
I
IN
Input
DO/RI, DO/RI
V
CC = 0V or 5.25V
V
IN = 12V
+1.0
mA
Current
DE = 0V
V
IN = −7V
−0.8
mA
V
TH
Differential Input Threshold
−7V
≤ V
CM
≤ + 12V
−0.2
+0.2
V
Voltage for Receiver
∆V
TH
Receiver Input Hysteresis
V
CM =0V
70
mV
V
OH
Receiver Output High Voltage
I
OH = −400 µA
2.7
V
V
OL
Output Low Voltage
RO
I
OL = 16 mA (Note 7)
0.5
V
I
OZR
OFF-State (High Impedance)
V
CC = Max
±20
µA
Output Current at Receiver
0.4V
≤ V
O
≤ 2.4V
R
IN
Receiver Input Resistance
−7V
≤ V
CM
≤ +12V
12
k
Ω
I
CC
Supply Current
No Load
Driver Outputs Enabled
55
mA
(Note 7)
Driver Outputs Disabled
35
mA
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com