Electronic Components Datasheet Search
  English  ▼

X  

NCP1200A/D Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1200A/D
Description  PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1200A/D Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1200A/D Datasheet HTML 6Page - ON Semiconductor NCP1200A/D Datasheet HTML 7Page - ON Semiconductor NCP1200A/D Datasheet HTML 8Page - ON Semiconductor NCP1200A/D Datasheet HTML 9Page - ON Semiconductor NCP1200A/D Datasheet HTML 10Page - ON Semiconductor NCP1200A/D Datasheet HTML 11Page - ON Semiconductor NCP1200A/D Datasheet HTML 12Page - ON Semiconductor NCP1200A/D Datasheet HTML 13Page - ON Semiconductor NCP1200A/D Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NCP1200A
http://onsemi.com
10
Power Dissipation
The NCP1200A is directly supplied from the DC rail
through the internal DSS circuitry. The average current
flowing through the DSS is therefore the direct image of the
NCP1200A
current
consumption.
The
total
power
dissipation can be evaluated using: (VHVDC − 11 V) ⋅ ICC2.
If we operate the device on a 250 VAC rail, the maximum
rectified voltage can go up to 350 VDC. However, as the
characterization curves show, the current consumption
drops at high junction temperature, which quickly occurs
due to the DSS operation. At TJ = 50°C, ICC2 = 1.7 mA for
the 61 kHz version over a 1 nF capacitive load. As a result,
the NCP1200A will dissipate 350 . 1.7 mA@TJ = 50°C =
595
mW.
The
SOIC−8
package
offers
a
junction−to−ambient thermal resistance RqJA of 178°C/W.
Adding some copper area around the PCB footprint will help
decreasing this number: 12 mm x 12 mm to drop RqJA down
to 100
°C/W with 35 m copper thickness (1 oz.) or 6.5 mm x
6.5 mm with 70
m copper thickness (2 oz.). With this later
number, we can compute the maximum power dissipation
the
package
accepts
at
an
ambient
of
50
°C:
Pmax
+
TJmax
* TAmax
R
qJA
+ 750 mW
which is okay with
our previous budget. For the DIP8 package, adding a
min−pad area of 80 mm
@ of 35 m copper (1 oz.), RqJA drops
from 100
°C/W to about 75°C/W.
In the above calculations, ICC2 is based on a 1 nF output
capacitor. As seen before, ICC2 will depend on your
MOSFET’s Qg: ICC2
≈ ICC1 + FSW x Qg. Final calculation
shall thus accounts for the total gate−charge Qg your
MOSFET will exhibit. The same methodology can be
applied for the 100 kHz version but care must be taken to
keep TJ below the 125°C limit with the D100 (SOIC) version
and activated DSS in high−line conditions.
If the power estimation is beyond the limit, other solutions
are possible a) add a series diode with pin 8 (as suggested in
the above lines) and connect it to the half rectified wave. As
a result, it will drop the average input voltage and lower the
dissipation to:
350
@ 2
p
@ 1.7 m + 380 mW b) put an
auxiliary winding to disable the DSS and decrease the power
consumption to VCC x ICC2. The auxiliary level should be
thus that the rectified auxiliary voltage permanently stays
above 10 V (to not re−activate the DSS) and is safely kept
below the 16 V maximum rating.
Overload Operation
In applications where the output current is purposely not
controlled (e.g. wall adapters delivering raw DC level), it is
interesting to implement a true short−circuit protection. A
short−circuit actually forces the output voltage to be at a low
level, preventing a bias current to circulate in the
optocoupler LED. As a result, the FB pin level is pulled up
to 4.2 V, as internally imposed by the IC. The peak current
setpoint goes to the maximum and the supply delivers a
rather high power with all the associated effects. Please note
that this can also happen in case of feedback loss, e.g. a
broken optocoupler. To account for this situation,
NCP1200A hosts a dedicated overload detection circuitry.
Once activated, this circuitry imposes to deliver pulses in a
burst manner with a low duty cycle. The system
auto−recovers when the fault condition disappears.
During the startup phase, the peak current is pushed to the
maximum until the output voltage reaches its target and the
feedback loop takes over. This period of time depends on
normal output load conditions and the maximum peak
current allowed by the system. The time−out used by this IC
works with the VCC decoupling capacitor: as soon as the
VCC decreases from the UVLOH level (typically 12 V) the
device internally watches for an overload current situation.
If this condition is still present when the UVLOL level is
reached, the controller stops the driving pulses, prevents the
self−supply current source to restart and puts all the circuitry
in standby, consuming as little as 350
mA typical (ICC3
parameter). As a result, the VCC level slowly discharges
toward 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com