Electronic Components Datasheet Search
  English  ▼

X  

OPA684 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA684
Description  Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA684 Datasheet(HTML) 3 Page - Texas Instruments

  OPA684 Datasheet HTML 1Page - Texas Instruments OPA684 Datasheet HTML 2Page - Texas Instruments OPA684 Datasheet HTML 3Page - Texas Instruments OPA684 Datasheet HTML 4Page - Texas Instruments OPA684 Datasheet HTML 5Page - Texas Instruments OPA684 Datasheet HTML 6Page - Texas Instruments OPA684 Datasheet HTML 7Page - Texas Instruments OPA684 Datasheet HTML 8Page - Texas Instruments OPA684 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
OPA684
3
SBOS219A
www.ti.com
AC PERFORMANCE (See Figure 1)
Small-Signal Bandwidth (VO = 0.5Vp-p)
G = +1, RF = 1kΩ
210
MHz
typ
C
G = +2, RF = 1kΩ
160
112
110
104
MHz
min
B
G = +5, RF = 1kΩ
134
MHz
typ
C
G = +10, RF = 1kΩ
120
MHz
typ
C
G = +20, RF = 1kΩ
104
MHz
typ
C
Bandwidth for 0.1dB Gain Flatness
G = +2, VO = 0.5Vp-p, RF = 1kΩ
19
16
14
14
MHz
min
B
Peaking at a Gain of +1
RF = 1kΩ, VO = 0.5Vp-p
1.4
4.8
5.9
6.3
dB
max
B
Large-Signal Bandwidth
G = +2, VO = 4Vp-p
90
MHz
typ
C
Slew Rate
G = –1, VO = 4V Step
820
675
650
575
V/
µsmin
B
G = +2,VO = 4V Step
750
650
620
590
V/
µsmin
B
Rise-and-Fall Time
G = +2, VO = 0.5V Step
3
ns
typ
C
G = +2, VO = 4VStep
6.8
ns
typ
C
Harmonic Distortion
G = +2, f = 5MHz, VO = 2Vp-p
2nd-Harmonic
RL = 100Ω
–67
–59
–59
–58
dBc
max
B
RL ≥ 1kΩ
–78
–64
–64
–63
dBc
max
B
3rd-Harmonic
RL = 100Ω
–70
–66
–65
–65
dBc
max
B
RL ≥ 1kΩ
–89
–82
–81
–81
dBc
max
B
Input Voltage Noise
f > 1MHz
3.7
4.1
4.2
4.4
nV/
√Hz
max
B
Non-inverting Input Current Noise
f > 1MHz
9.4
11
12
12.5
pA/
√Hz
max
B
Inverting Input Current Noise
f > 1MHz
17
18
18.5
19
pA/
√Hz
max
B
Differential Gain
G = +2, NTSC, VO = 1.4Vp, RL = 150Ω
0.04
%
typ
C
Differential Phase
G = +2, NTSC, VO = 1.4Vp, RL = 150Ω
0.02
deg
typ
C
DC PERFORMANCE(4)
Open-Loop Transimpedance Gain (ZOL)
VO = 0V, RL = 1kΩ
355
160
155
153
k
Ω
min
A
Input Offset Voltage
VCM = 0V
±1.5
±3.5
±4.1
±4.3
mV
max
A
Average Offset Voltage Drift
VCM = 0V
±12
±12
µV/°C
max
B
Non-inverting Input Bias Current
VCM = 0V
±5.0
±10
±11.5
±12
µA
max
A
Average Non-inverting Input Bias Current Drift
VCM = 0V
±25
±30
nA/
°C
max
B
Inverting Input Bias Current
VCM = 0V
±5.0
±16
±17.5
±18.5
µA
max
A
Average Inverting Input Bias Current Drift
VCM = 0V
±35
±40
nA
°/C
max
B
INPUT
Common-Mode Input Range(5) (CMIR)
±3.75
±3.65
±3.65
±3.6
V
min
A
Common-Mode Rejection Ratio (CMRR)
VCM = 0V
60
53
52
52
dB
min
A
Non-inverting Input Impedance
50 || 2
k
Ω || pF
typ
C
Inverting Input Resistance (RI)
Open-Loop, DC
2.5
Ω
typ
C
OUTPUT
Voltage Output Swing
1k
Ω Load
±4.1
±4.0
±4.0
±3.9
V
min
A
Current Output, Sourcing
VO = 0
160
140
135
130
mA
min
A
Current Output, Sinking
VO = 0
–120
–110
–105
–100
mA
min
A
Closed-Loop Output Impedance
G = +2, f = 100kHz
0.006
Ω
typ
C
DISABLE (Disabled Low)
Power-Down Supply Current (+VS)VDIS = 0
–100
–150
–170
–180
µA
max
A
Disable Time
VIN = +1V, G = +2
4
ms
typ
C
Enable Time
VIN = +1V, G = +2
40
ns
typ
C
Off Isolation
G = +2, 5MHz
70
dB
typ
C
Output Capacitance in Disable
1.7
pF
typ
C
Enable Voltage
3.4
3.5
3.6
3.7
V
min
A
Disable Voltage
1.8
1.7
1.6
1.5
V
max
A
Control Pin Input Bias Current (DIS)
VDIS = 0V
80
120
130
135
µA
max
A
POWER SUPPLY
Specified Operating Voltage
±5
V
typ
C
Maximum Operating Voltage Range
±6
±6
±6
V
max
A
Max Quiescent Current
VS = ±5V
1.7
1.8
1.85
1.85
mA
max
A
Min Quiescent Current
VS = ±5V
1.7
1.6
1.55
1.45
mA
min
A
Power-Supply Rejection Ratio (–PSRR)
Input Referred
60
54
53
53
dB
typ
A
TEMPERATURE RANGE
Specification: ID, IDBV
–40 to +85
°C
typ
C
Thermal Resistance,
θ
JA
Junction-to-Ambient
D
SO-8
125
°C/W
typ
C
DBV SOT-23-6
150
°C/W
typ
C
NOTES: (1) Junction temperature = ambient for 25
°C tested specifications. (2) Junction temperature = ambient at low temperature limit, junction temperature = ambient
+2
°C at high temperature limit for over temperature tested specifications. (3) Test levels: (A) 100% tested at 25°C. Over temperature limits by characterization and
simulation. (B) Limits set by characterization and simulation. (C) Typical value only for information. (4) Current is considered positive out-of-node. VCM is the input
common-mode voltage. (5) Tested < 3dB below minimum specified CMR at
±CMIR limits.
OPA684ID, IDBV
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(1)
70
°C(2)
+85
°C(2)
UNITS
MAX LEVEL(3)
TYP
MIN/MAX OVER TEMPERATURE
ELECTRICAL CHARACTERISTICS: VS = ±5V
RF = 1kΩ, RL = 100Ω, and G = +2, (See Figure 1 for AC performance only), unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com