Electronic Components Datasheet Search
  English  ▼

X  

TMS28F008AVB Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS28F008AVB
Description  AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS28F008AVB Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS28F008AVB Datasheet HTML 9Page - Texas Instruments TMS28F008AVB Datasheet HTML 10Page - Texas Instruments TMS28F008AVB Datasheet HTML 11Page - Texas Instruments TMS28F008AVB Datasheet HTML 12Page - Texas Instruments TMS28F008AVB Datasheet HTML 13Page - Texas Instruments TMS28F008AVB Datasheet HTML 14Page - Texas Instruments TMS28F008AVB Datasheet HTML 15Page - Texas Instruments TMS28F008AVB Datasheet HTML 16Page - Texas Instruments TMS28F008AVB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
TMS28F008Axy,TMS28F800Axy
1048576 BY 8BIT/524288 BY 16BIT
AUTOSELECT BOOT BLOCK FLASH MEMORIES
SMJS851A − NOVEMBER 1997 − REVISED MARCH 1998
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
data protection
Data is secured or unsecured by using different combinations of the reset/deep power-down pin (RP), the write
protect pin (WP) and VPP supply levels. See to Table 2 for a listing of these combinations.
There are two configurations to secure the entire memory against inadvertant alteration of data. The VPP supply
pin can be held below the VPP lock-out voltage level (VPPLK) or the RP can be pulled to a logic-low level. If RP
is held low, the device resets, which means it powers down and, therefore, cannot be read. Typically, this pin
is tied to the system reset for additional protection during system power up.
The boot-block sector has an additional security feature through the WP pin. When the RP pin is at a logic-high
level, the WP pin controls whether the boot-block sector is protected. When WP is held at the logic-low level,
the boot block is protected. When WP is held at the logic-high level, the boot block is unprotected along with
the rest of the other sectors. Alternatively, the entire memory can be unprotected by pulling the RP pin to
VHH (12 V).
Table 2. Data-Protection Combinations (see Note 1)
DATA PROTECTION PROVIDED
VPP
RP
WP
All blocks locked
≤ VPPLK
X
X
All blocks locked (reset)
≥ VPPLK
VIL
X
All blocks unlocked
≥ VPPLK
VHH
X
Only boot block locked
≥ VPPLK
VIH
VIL
All blocks unlocked
≥ VPPLK
VIH
VIH
NOTE 1: For TMS28F008AZy and TMS28F800AZy (12-V VPP) products, the WP pin is
disabled and can be left floating. To unlock blocks, RP must be at VHH.
command-state machine (CSM)
Commands are issued to the CSM using standard microprocessor write timings. The CSM acts as an interface
between the external microprocessor and the internal WSM. Table 1 lists the CSM codes and device modes,
and Table 4 lists the data for the bus cycle. When a program or erase command is issued to the CSM, the WSM
controls the internal sequences and the CSM responds only to status reads. After the WSM completes its task,
the WSM status bit (SB7) is set to a 1, allowing the CSM to respond to the full command set again.
operation
Device operations are selected by entering standard JEDEC 8-bit command codes with conventional
microprocessor timing into an on-chip CSM through I/O pins DQ0−DQ7. When the device is powered up,
internal reset circuitry initializes the chip to a read-array mode of operation. Changing the mode of operation
requires that a command code be entered into the CSM. Table 1 lists the CSM codes for all modes of operation.
The on-chip status register allows the progress of various operations to be monitored. The status register is
interrogated by entering a read-status-register command into the CSM (cycle 1) and reading the register data
on I/O pins DQ0−DQ7 (cycle 2). Status-register bits SB0 through SB7 correspond to DQ0 through DQ7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com