Electronic Components Datasheet Search
  English  ▼

X  

OPA684IDBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA684IDBVR
Description  Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA684IDBVR Datasheet(HTML) 2 Page - Texas Instruments

  OPA684IDBVR Datasheet HTML 1Page - Texas Instruments OPA684IDBVR Datasheet HTML 2Page - Texas Instruments OPA684IDBVR Datasheet HTML 3Page - Texas Instruments OPA684IDBVR Datasheet HTML 4Page - Texas Instruments OPA684IDBVR Datasheet HTML 5Page - Texas Instruments OPA684IDBVR Datasheet HTML 6Page - Texas Instruments OPA684IDBVR Datasheet HTML 7Page - Texas Instruments OPA684IDBVR Datasheet HTML 8Page - Texas Instruments OPA684IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
OPA684
2
SBOS219A
www.ti.com
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply ...............................................................................
±6.5V
DC
Internal Power Dissipation ................................. See Thermal Information
Differential Input Voltage ..................................................................
±1.2V
Input Voltage Range ............................................................................
±V
S
Storage Temperature Range: ID, IDBV ......................... –40
°C to +125°C
Lead Temperature (soldering, 10s) .............................................. +300
°C
Junction Temperature (TJ ) ........................................................... +175°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
OPA684
SO-8
D
–40
°C to +85°C
OPA684D
OPA684ID
Rails, 100
""
"
"
"
OPA684IDR
Tape and Reel, 2500
OPA684
SOT23-6
DBV
–40
°C to +85°C
B84
OPA684IDBVT
Tape and Reel, 250
""
"
"
"
OPA684IDBVR
Tape and Reel, 3000
PACKAGE/ORDERING INFORMATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes
could cause the device not to meet its published specifications.
1
2
3
6
5
4
Output
–V
S
Noninverting Input
+V
S
DIS
Inverting Input
12
3
65
4
B84
Pin Orientation/Package Marking
1
2
3
4
8
7
6
5
NC
Inverting Input
Noninverting Input
–V
S
DIS
+V
S
Output
NC
NC = No Connection
PIN CONFIGURATION
OPA684 RELATED PRODUCTS
SINGLES
DUALS
TRIPLES
FEATURES
OPA684
OPA2684
OPA3684
Low-Power CFBplus
OPA691
OPA2691
OPA3691
High Slew Rate CFB
OPA685
–
–
> 500MHz CFB
Top View
SO
Top View
SOT23
NOTES: (1) For the most current specifications, and package information, refer to our web site at www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com