Electronic Components Datasheet Search
  English  ▼

X  

MZP4746A Datasheet(PDF) 6 Page - ON Semiconductor

Part # MZP4746A
Description  3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MZP4746A Datasheet(HTML) 6 Page - ON Semiconductor

  MZP4746A Datasheet HTML 1Page - ON Semiconductor MZP4746A Datasheet HTML 2Page - ON Semiconductor MZP4746A Datasheet HTML 3Page - ON Semiconductor MZP4746A Datasheet HTML 4Page - ON Semiconductor MZP4746A Datasheet HTML 5Page - ON Semiconductor MZP4746A Datasheet HTML 6Page - ON Semiconductor MZP4746A Datasheet HTML 7Page - ON Semiconductor MZP4746A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MZP4729A Series
http://onsemi.com
6
Figure 5. Units To 12 Volts
Figure 6. Units 10 To 400 Volts
Figure 7. VZ = 3.3 thru 10 Volts
Figure 8. VZ = 12 thru 82 Volts
Figure 9. VZ = 100 thru 400 Volts
Figure 10. Typical Thermal Resistance
ZENER VOLTAGE versus ZENER CURRENT
(Figures 7, 8 and 9)
TEMPERATURE COEFFICIENT RANGES
(90% of the Units are in the Ranges Indicated)
VZ, ZENER VOLTAGE @ IZT (VOLTS)
34
5
6
7
8
9
10
11
12
10
8
6
4
2
0
-2
-4
RANGE
1000
500
200
100
50
20
10
10
20
50
100
200
400
1000
VZ, ZENER VOLTAGE @ IZT (VOLTS)
0
1
234
56
7
8
9
10
100
50
30
20
10
1
0.5
0.3
0.2
0.1
VZ, ZENER VOLTAGE (VOLTS)
2
5
3
0
1020
30
405060
70
8090
100
VZ, ZENER VOLTAGE (VOLTS)
100
50
30
20
10
1
0.5
0.3
0.2
0.1
2
5
3
100
200
300
400
250
350
150
10
1
0.5
0.2
0.1
VZ, ZENER VOLTAGE (VOLTS)
2
5
0
10
20
30
40
50
60
70
80
L, LEAD LENGTH TO HEAT SINK (INCH)
PRIMARY PATH OF
CONDUCTION IS THROUGH
THE CATHODE LEAD
0
1/8
1/4
3/8
1/2
5/8
3/4
7/8
1
TL
L
L



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com