Electronic Components Datasheet Search
  English  ▼

X  

DS75361 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS75361
Description  Dual TTL-to-MOS Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS75361 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS75361 Datasheet HTML 1Page - National Semiconductor (TI) DS75361 Datasheet HTML 2Page - National Semiconductor (TI) DS75361 Datasheet HTML 3Page - National Semiconductor (TI) DS75361 Datasheet HTML 4Page - National Semiconductor (TI) DS75361 Datasheet HTML 5Page - National Semiconductor (TI) DS75361 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF7557
September 1992
DS75361 Dual TTL-to-MOS Driver
General Description
The DS75361 is a monolithic integrated dual TTL-to-MOS
driver interface circuit The device accepts standard TTL
input signals and provides high-current and high-voltage
output levels for driving MOS circuits It is used to drive
address control and timing inputs for several types of MOS
RAMs including the 1103 and MM5270 and MM5280
The DS75361 operates from standard TTL 5V supplies and
the MOS VSS supply in many applications The device has
been optimized for operation with VCC2 supply voltage from
16V to 20V however it is designed for use over a much
wider range of VCC2
Features
Y
Capable of driving high-capacitance loads
Y
Compatible with many popular MOS RAMs
Y
VCC2 supply voltage variable over wide range to 24V
Y
Diode-clamped inputs
Y
TTL compatible
Y
Operates from standard bipolar and MOS supplies
Y
High-speed switching
Y
Transient overdrive minimizes power dissipation
Y
Low standby power dissipation
Schematic and Connection Diagrams
(12 shown)
TLF7557 – 3
Dual-In-Line Package
TLF7557 – 1
Top View
Order Number DS75361N
See NS Package Number N08E
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DS75361

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75365 NSC-DS75365 Datasheet
186Kb / 8P
Quad TTL-to-MOS Driver
DS75365N NSC-DS75365N Datasheet
186Kb / 8P
Quad TTL-to-MOS Driver
DS75365WM NSC-DS75365WM Datasheet
186Kb / 8P
Quad TTL-to-MOS Driver
More results

Similar Description - DS75361

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1649 NSC-DS1649 Datasheet
140Kb / 6P
Hex TRI-STATEE TTL to MOS Drivers
DS75365 NSC-DS75365 Datasheet
186Kb / 8P
Quad TTL-to-MOS Driver
AH0014 NSC-AH0014 Datasheet
140Kb / 6P
Dual DPST-TTL/DTL Compatible MOS Analog Switches
DS9643 NSC-DS9643 Datasheet
119Kb / 4P
Dual TTL to MOS/CCD Driver
logo
ON Semiconductor
MC10H643 ONSEMI-MC10H643_06 Datasheet
113Kb / 7P
Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
logo
Texas Instruments
SN5407 TI1-SN5407_15 Datasheet
1,019Kb / 17P
Convert TTL Voltage Levels to MOS Levels
logo
ON Semiconductor
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
PECL to TTL Clock Driver
August, 2016 ??Rev. 9
MC10H643 ONSEMI-MC10H643_16 Datasheet
139Kb / 6P
Dual Supply ECL to TTL 1:8 Clock Driver
August, 2016 ??Rev. 9
logo
National Semiconductor ...
DS1648 NSC-DS1648 Datasheet
120Kb / 6P
TRI-STATEÉ TTL to MOS Multiplexers/Drivers
February 1986
logo
List of Unclassifed Man...
LM366 ETC-LM366 Datasheet
117Kb / 2P
LM168/LM368 MOS sense amplifiers (MOS to TTL converters)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com