Electronic Components Datasheet Search
  English  ▼

X  

FTLC1152RGPL Datasheet(PDF) 5 Page - Finisar Corporation.

Part # FTLC1152RGPL
Description  100G CWDM4 QSFP28 Optical Transceiver Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLC1152RGPL Datasheet(HTML) 5 Page - Finisar Corporation.

  FTLC1152RGPL Datasheet HTML 1Page - Finisar Corporation. FTLC1152RGPL Datasheet HTML 2Page - Finisar Corporation. FTLC1152RGPL Datasheet HTML 3Page - Finisar Corporation. FTLC1152RGPL Datasheet HTML 4Page - Finisar Corporation. FTLC1152RGPL Datasheet HTML 5Page - Finisar Corporation. FTLC1152RGPL Datasheet HTML 6Page - Finisar Corporation. FTLC1152RGPL Datasheet HTML 7Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FTLC1152RGPL Product Specification – May 2016
 Finisar Corporation – 7-May-2016 Rev. B1
Page 5
U
Notes
U
:
1.
Transmitter consists of 4 lasers operating at 25.78Gb/s each.
2.
At maximum TDP.
3.
TDP value does not include MPI penalty.
4.
Hit ratio of 5x10
-5, per IEEE.
5.
Receiver consists of 4 photodetectors operating at 25.78Gb/s each.
6.
Sensitivity is specified at 5x10
-5 BER.
7.
Measured with CWDM4 MSA
2 conformance test signal at TP3 for 5x10-5 BER.
V.
General Specifications
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Bit Rate (all wavelengths combined)
BR
103.1
Gb/s
Bit Error Ratio @25.78Gb/s
BER
5x10
-5
1
Maximum Supported Reach
Fiber Type
SMF per G.652
LossBdgt
5
dB
2
Notes:
1.
Tested with a 2
31 – 1 PRBS.
2.
This 5 dB loss budget includes 2.5dB optical coding gain from FEC on the host [RS-FEC (528,514)
per Clause 91]. The maximum informative link length is 2km. The option to bypass RS-FEC is not
supported. Loss budget may include up to 1dB MPI loss penalty with worse case Transmitter and
worst case connector MPI.
VI.
Environmental Specifications
Finisar FTLC1152RGPL QSFP28 transceivers have an operating case temperature range
of 0°C to +70°C.
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Case Operating Temperature
Top
0
+70
°C
Storage Temperature
Tsto
-40
+85
°C
VII.
Regulatory Compliance
Finisar FTLC1152RGPL QSFP28 transceivers are Class 1 Laser Products. They are
certified per the following standards:
Feature
Agency
Standard
Laser Eye
Safety
FDA/CDRH
CDRH 21 CFR 1040 and Laser Notice 50
Laser Eye
Safety
TÜV
EN 60825-1: 2007
IEC 60825-2: 2004+A1+A2
Electrical
Safety
TÜV
EN 60950
Electrical
Safety
UL/CSA
CLASS 3862.07
CLASS 3862.87
Copies of the referenced certificates are available at Finisar Corporation upon request.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com