Electronic Components Datasheet Search
  English  ▼

X  

MA207C Datasheet(PDF) 2 Page - Texas Instruments

Part # MA207C
Description  5V MULTICHANNEL LINE DRIVER/RECEIVER WITHE ESD PROTECTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MA207C Datasheet(HTML) 2 Page - Texas Instruments

  MA207C Datasheet HTML 1Page - Texas Instruments MA207C Datasheet HTML 2Page - Texas Instruments MA207C Datasheet HTML 3Page - Texas Instruments MA207C Datasheet HTML 4Page - Texas Instruments MA207C Datasheet HTML 5Page - Texas Instruments MA207C Datasheet HTML 6Page - Texas Instruments MA207C Datasheet HTML 7Page - Texas Instruments MA207C Datasheet HTML 8Page - Texas Instruments MA207C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MAX207
5V MULTICHANNEL RS232 LINE DRIVER/RECEIVER
WITH ±15kV ESD PROTECTION
SLLS592B − OCTOBER 2003 − REVISED JANUARY 2004
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Function Tables
EACH DRIVER
INPUT
DIN
OUTPUT
DOUT
L
H
H
L
H = high level, L = low
level
EACH RECEIVER
INPUT
RIN
OUTPUT
ROUT
L
H
H
L
Open
H
H = high level, L = low
level,
Open
=
input
disconnected
or
connected driver off
logic diagram (positive logic)
DIN1
DOUT1
RIN2
ROUT2
DIN2
DOUT2
RIN3
ROUT3
7
6
22
17
2
3
23
16
RIN1
ROUT1
54
DIN3
DOUT3
DIN4
DOUT4
18
19
1
24
DIN5
DOUT5
21
20
RS-232
Outputs
TTL/CMOS
Inputs
RS-232
Inputs
TTL/CMOS
Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com