Electronic Components Datasheet Search
  English  ▼

X  

MAX3222CPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3222CPWR
Description  MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3222CPWR Datasheet(HTML) 1 Page - Texas Instruments

  MAX3222CPWR Datasheet HTML 1Page - Texas Instruments MAX3222CPWR Datasheet HTML 2Page - Texas Instruments MAX3222CPWR Datasheet HTML 3Page - Texas Instruments MAX3222CPWR Datasheet HTML 4Page - Texas Instruments MAX3222CPWR Datasheet HTML 5Page - Texas Instruments MAX3222CPWR Datasheet HTML 6Page - Texas Instruments MAX3222CPWR Datasheet HTML 7Page - Texas Instruments MAX3222CPWR Datasheet HTML 8Page - Texas Instruments MAX3222CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MAX3222
3V TO 5.5V MULTICHANNEL RS232 LINE DRIVER/RECEIVER
WITH ±15kV ESD PROTECTION
SLLS408G − JANUARY 2000 − REVISED MARCH 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D RS-232 Bus-Pin ESD Protection Exceeds
±15 kV Using Human-Body Model (HBM)
D Meets or Exceeds the Requirements of
TIA/EIA-232-F and ITU v.28 Standards
D Operates With 3-V to 5.5-V VCC Supply
D Operates Up To 250 kbit/s
D Two Drivers and Two Receivers
D Low Standby Current...1 µA Typical
D External Capacitors ...4 × 0.1 µF
D Accepts 5-V Logic Input With 3.3-V Supply
D Alternative High-Speed Pin-Compatible
Device (1 Mbit/s)
− SNx5C3222
D Applications
− Battery-Powered Systems, PDAs,
Notebooks, Laptops, Palmtop PCs, and
Hand-Held Equipment
description/ordering information
The MAX3222 consists of two line drivers, two line receivers, and a dual charge-pump circuit with
±15-kV ESD protection pin to pin (serial-port connection pins, including GND). The device meets the
requirements of TIA/EIA-232-F and provides the electrical interface between an asynchronous communication
controller and the serial-port connector. The charge pump and four small external capacitors allow operation
from a single 3-V to 5.5-V supply. The device operates at data signaling rates up to 250 kbit/s and a maximum
of 30-V/
µs driver output slew rate.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC (DW)
Tube of 25
MAX3222CDW
MAX3222C
SOIC (DW)
Reel of 2000
MAX3222CDWR
MAX3222C
−0
°C to 70°C
SSOP (DB)
Tube of 70
MAX3222CDB
MA3222C
−0
°C to 70°C
SSOP (DB)
Reel of 2000
MAX3222CDBR
MA3222C
TSSOP (PW)
Tube of 70
MAX3222CPW
MA3222C
TSSOP (PW)
Reel of 2000
MAX3222CPWR
MA3222C
SOIC (DW)
Tube of 25
MAX3222IDW
MAX3222I
SOIC (DW)
Reel of 2000
MAX3222IDWR
MAX3222I
−40
°C to 85°C
SSOP (DB)
Tube of 70
MAX3222IDB
MB3222I
−40
°C to 85°C
SSOP (DB)
Reel of 2000
MAX3222IDBR
MB3222I
TSSOP (PW)
Tube of 70
MAX3222IPW
MB3222I
TSSOP (PW)
Reel of 2000
MAX3222IPWR
MB3222I
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DB, DW, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
EN
C1+
V+
C1−
C2+
C2−
V−
DOUT2
RIN2
ROUT2
PWRDOWN
VCC
GND
DOUT1
RIN1
ROUT1
NC
DIN1
DIN2
NC
NC − No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - MAX3222CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3222CPWR TI-MAX3222CPWR Datasheet
270Kb / 14P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3222CPWR TI2-MAX3222CPWR Datasheet
951Kb / 29P
MAX3222 3-V to 5.5-V Multichannel RS-232 Line Driver and Receiver With ±15-kV ESD Protection
REVISED OCTOBER 2016
MAX3222CPWR.A TI2-MAX3222CPWR.A Datasheet
951Kb / 29P
MAX3222 3-V to 5.5-V Multichannel RS-232 Line Driver and Receiver With ±15-kV ESD Protection
REVISED OCTOBER 2016
MAX3222CPWRE4 TI-MAX3222CPWRE4 Datasheet
270Kb / 14P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
More results

Similar Description - MAX3222CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX211 TI-MAX211 Datasheet
294Kb / 16P
5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
TRS213 TI-TRS213 Datasheet
415Kb / 17P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX207 TI1-MAX207_16 Datasheet
776Kb / 16P
5V MULTICHANNEL LINE DRIVER/RECEIVER WITHE ESD PROTECTION
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3223 TI1-MAX3223_16 Datasheet
944Kb / 22P
MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3223E TI1-MAX3223E_16 Datasheet
885Kb / 23P
MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3227 TI1-MAX3227_09 Datasheet
354Kb / 16P
MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3227E TI1-MAX3227E_09 Datasheet
351Kb / 15P
MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3238 TI1-MAX3238_15 Datasheet
845Kb / 19P
MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3238-Q1 TI1-MAX3238-Q1_15 Datasheet
834Kb / 18P
LINE DRIVER/RECEIVER WITH ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com