Electronic Components Datasheet Search
  English  ▼

X  

MAX3223CPWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3223CPWR
Description  MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3223CPWR Datasheet(HTML) 2 Page - Texas Instruments

  MAX3223CPWR Datasheet HTML 1Page - Texas Instruments MAX3223CPWR Datasheet HTML 2Page - Texas Instruments MAX3223CPWR Datasheet HTML 3Page - Texas Instruments MAX3223CPWR Datasheet HTML 4Page - Texas Instruments MAX3223CPWR Datasheet HTML 5Page - Texas Instruments MAX3223CPWR Datasheet HTML 6Page - Texas Instruments MAX3223CPWR Datasheet HTML 7Page - Texas Instruments MAX3223CPWR Datasheet HTML 8Page - Texas Instruments MAX3223CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MAX3223
3V TO 5.5V MULTICHANNEL RS232 LINE DRIVER/RECEIVER
WITH ±15kV ESD PROTECTION
SLLS409K − JANUARY 2000 − REVISED MARCH 2004
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
Flexible control options for power management are available when the serial port is inactive. The
auto-powerdown feature functions when FORCEON is low and FORCEOFF is high. During this mode of
operation, if the device does not sense a valid RS-232 signal, the driver outputs are disabled. If FORCEOFF
is set low and EN is high, both drivers and receivers are shut off, and the supply current is reduced to 1
µA.
Disconnecting the serial port or turning off the peripheral drivers causes auto-powerdown to occur.
Auto-powerdown can be disabled when FORCEON and FORCEOFF are high. With auto-powerdown enabled,
the device is activated automatically when a valid signal is applied to any receiver input. The INVALID output
is used to notify the user if an RS-232 signal is present at any receiver input. INVALID is high (valid data) if any
receiver input voltage is greater than 2.7 V or less than −2.7 V, or has been between −0.3 V and 0.3 V for less
than 30
µs. INVALID is low (invalid data) if the receiver input voltage is between −0.3 V and 0.3 V for more than
30
µs. Refer to Figure 4 for receiver input levels.
Function Tables
EACH DRIVER
INPUTS
OUTPUT
DIN
FORCEON
FORCEOFF
VALID RIN
RS-232 LEVEL
OUTPUT
DOUT
DRIVER STATUS
X
X
L
X
Z
Powered off
L
H
H
X
H
Normal operation with
H
HH
X
L
Normal operation with
auto-powerdown disabled
L
L
H
Yes
H
Normal operation with
H
LH
Yes
L
Normal operation with
auto-powerdown enabled
L
L
H
No
Z
Powered off by
H
L
H
No
Z
Powered off by
auto-powerdown feature
H = high level, L = low level, X = irrelevant, Z = high impedance
EACH RECEIVER
INPUTS
OUTPUT
RIN
EN
VALID RIN
RS-232 LEVEL
OUTPUT
ROUT
L
L
X
H
H
LX
L
X
HX
Z
Open
L
No
H
H = high level, L = low level, X = irrelevant,
Z = high
impedance
(off),
Open
=
input
disconnected or connected driver off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com