Electronic Components Datasheet Search
  English  ▼

X  

MAX232ECDR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # MAX232ECDR
Description  Dual RS-232 Driver and Receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX232ECDR Datasheet(HTML) 13 Page - Texas Instruments

Back Button MAX232ECDR Datasheet HTML 9Page - Texas Instruments MAX232ECDR Datasheet HTML 10Page - Texas Instruments MAX232ECDR Datasheet HTML 11Page - Texas Instruments MAX232ECDR Datasheet HTML 12Page - Texas Instruments MAX232ECDR Datasheet HTML 13Page - Texas Instruments MAX232ECDR Datasheet HTML 14Page - Texas Instruments MAX232ECDR Datasheet HTML 15Page - Texas Instruments MAX232ECDR Datasheet HTML 16Page - Texas Instruments MAX232ECDR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
VCC
Ground
Ground
14
13
15
12
11
10
9
1
2
3
4
5
6
7
8
16
C2
C1
Ground
C3
C4
PF
C1+
V+
C1-
C2+
C2-
V-
DOUT2
VCC
GND
DOUT1
RIN1
ROUT1
DIN1
DIN2
RIN2
ROUT2
13
MAX232E
www.ti.com
SLLS723C – APRIL 2006 – REVISED AUGUST 2016
Product Folder Links: MAX232E
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
10 Power Supply Recommendations
The VCC voltage should be connected to the same power source used for logic device connected to DIN and
ROUT pins. VCC should be between 4.5 V and 5.5 V.
11 Layout
11.1 Layout Guidelines
Keep the external capacitor traces short. This is more important on C1 and C2 nodes that have the fastest rise
and fall times. Make the impedance from MAX232E ground pin and circuit board's ground plane as low as
possible for best ESD performance. Use wide metal and multiple vias on both sides of ground pin.
11.2 Layout Example
Figure 12. MAX232E Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com