Electronic Components Datasheet Search
  English  ▼

X  

MP227EC Datasheet(PDF) 3 Page - Texas Instruments

Part # MP227EC
Description  MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MP227EC Datasheet(HTML) 3 Page - Texas Instruments

  MP227EC Datasheet HTML 1Page - Texas Instruments MP227EC Datasheet HTML 2Page - Texas Instruments MP227EC Datasheet HTML 3Page - Texas Instruments MP227EC Datasheet HTML 4Page - Texas Instruments MP227EC Datasheet HTML 5Page - Texas Instruments MP227EC Datasheet HTML 6Page - Texas Instruments MP227EC Datasheet HTML 7Page - Texas Instruments MP227EC Datasheet HTML 8Page - Texas Instruments MP227EC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.ti.com
DIN
DOUT
Auto-Powerdown
Plus
INVALID
RIN
FORCEOFF
FORCEON
ROUT
11
16
9
13
10
8
1
12
READY
MAX3227E
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV IEC ESD PROTECTION
SLLS715A – FEBRUARY 2006 – REVISED JUNE 2007
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
C1+
2
Positive terminal of voltage-doubler charge-pump capacitor
C1–
4
Negative terminal of voltage-doubler charge-pump capacitor
C2+
5
Positive terminal of inverting charge-pump capacitor
C2–
6
Negative terminal of inverting charge-pump capacitor
DIN
11
CMOS driver input
DOUT
13
RS-232 driver output
Force-off input, active low. Drive low to shut down drivers, receivers, and charge pump. This overrides auto-shutdown
FORCEOFF
16
and FORCEON (see Function Table).
Force-on input, active high. Drive high to override powerdown, keeping drivers and receivers on (FORCEOFF must
FORCEON
12
be high) (see Function Table).
GND
14
Ground
INVALID
10
Valid signal detector output, active low. A logic high indicates that a valid RS-232 level is present on a receiver input.
Ready to transmit output, active high. READY is enabled high when V– goes below –3.5 V and the device is ready to
READY
1
transmit.
RIN
8
RS-232 receiver input
ROUT
9
CMOS receiver output
V+
3
+2
× V
CC generated by the charge pump
V–
7
–2
× V
CC generated by the charge pump
VCC
15
3-V to 5.5-V single-supply voltage
LOGIC DIAGRAM (POSITIVE LOGIC)
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com