Electronic Components Datasheet Search
  English  ▼

X  

MAX3318CPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3318CPWR
Description  TRANSCEIVER WITH ESD PROTECTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3318CPWR Datasheet(HTML) 1 Page - Texas Instruments

  MAX3318CPWR Datasheet HTML 1Page - Texas Instruments MAX3318CPWR Datasheet HTML 2Page - Texas Instruments MAX3318CPWR Datasheet HTML 3Page - Texas Instruments MAX3318CPWR Datasheet HTML 4Page - Texas Instruments MAX3318CPWR Datasheet HTML 5Page - Texas Instruments MAX3318CPWR Datasheet HTML 6Page - Texas Instruments MAX3318CPWR Datasheet HTML 7Page - Texas Instruments MAX3318CPWR Datasheet HTML 8Page - Texas Instruments MAX3318CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
READY
C1+
V+
C1−
C2+
C2−
V−
DOUT2
RIN2
ROUT2
FORCEOFF
VCC
GND
DOUT1
RIN1
ROUT1
FORCEON
DIN1
DIN2
INVALID
DB OR PW PACKAGE
(TOP VIEW)
MAX3318
www.ti.com
SLLS687A – OCTOBER 2005 – REVISED OCTOBER 2013
2.5-V 460-kbps RS-232 TRANSCEIVER
WITH ±15-kV ESD PROTECTION
Check for Samples: MAX3318
1
FEATURES
DESCRIPTION
The MAX3318 is a dual-driver, dual-receiver, RS-232
•
ESD Protection for RS-232 I/O Pins
compatible transceiver. The device features auto-
–
±15 kV (Human-Body Model)
power-down
plus
and
enhanced
electrostatic
–
±8 kV (IEC 61000-4-2, Contact Discharge)
discharge (ESD) protection integrated into the chip.
Driver output and receiver input are protected to ±8
–
±8 kV (IEC 61000-4-2, Air-Gap Discharge)
kV using the IEC 61000-4-2 Air-Gap Discharge
•
300-
μA Operating Supply Current
method, ±8 kV using the IEC 61000-4-2 Contact
•
1-
μA Low-Power Standby (With Receivers
Discharge method, and ±15 kV using the Human-
Active) Mode
Body Model (HBM).
•
Designed to Transmit at a Data Rate of
The device operates at a data rate of 460 kbps. The
460 kbps
transceiver has a proprietary low-dropout driver
output stage enabling RS-232-compatible operation
•
Auto-Power-Down Plus Option Features
from a 2.25-V to 3-V supply with a dual charge pump.
Flexible Power-Saving Mode
The
charge
pump
requires
only
four
0.1-
μF
•
Operates From a Single 2.25-V to 3-V VCC
capacitors and features a logic-level output (READY)
Supply
that asserts when the charge pump is regulating and
the device is ready to begin transmitting.
APPLICATIONS
The MAX3318 achieves a 1-
μA supply current using
•
Battery-Powered Systems
the
auto-power-down
feature.
This
device
•
PDAs
automatically enters a low-power power-down mode
when the RS-232 cable is disconnected or the drivers
•
Cellular Phones
of the connected peripherals are inactive for more
•
Notebooks
than 30 s. The device turns on again when it senses
•
Hand-Held Equipment
a valid transition at any driver or receiver input. Auto
power down saves power without changes to the
•
Pagers
existing BIOS or operating system.
This
device
is
available
in
two
space-saving
packages: 20-pin SSOP and 20-pin TSSOP.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MAX3318CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3318CPWR TI-MAX3318CPWR Datasheet
178Kb / 18P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318CPWR TI2-MAX3318CPWR Datasheet
515Kb / 22P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH ±15-kV ESD PROTECTION
REVISED OCTOBER 2013
MAX3318CPWR TI2-MAX3318CPWR Datasheet
516Kb / 22P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH ±15-kV ESD PROTECTION
REVISED OCTOBER 2013
MAX3318CPWR.A TI2-MAX3318CPWR.A Datasheet
515Kb / 22P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH ±15-kV ESD PROTECTION
REVISED OCTOBER 2013
MAX3318CPWR.A TI2-MAX3318CPWR.A Datasheet
516Kb / 22P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH ±15-kV ESD PROTECTION
REVISED OCTOBER 2013
More results

Similar Description - MAX3318CPWR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3203E SIPEX-SP3203E Datasheet
509Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
logo
ON Semiconductor
NUF2101MT1 ONSEMI-NUF2101MT1 Datasheet
38Kb / 4P
USB Filter with ESD Protection
March, 2004 ??Rev. 1
logo
Sipex Corporation
SP3203E SIPEX-SP3203E_05 Datasheet
116Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
logo
Maxim Integrated Produc...
MAX4987AE MAXIM-MAX4987AE Datasheet
195Kb / 10P
Overvoltage-Protection Controller with USB ESD Protection
Rev 0; 11/07
logo
Texas Instruments
SN65HVD888 TI1-SN65HVD888 Datasheet
438Kb / 21P
Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
logo
ON Semiconductor
ESD4238 ONSEMI-ESD4238 Datasheet
206Kb / 8P
ESD Clamp Array with ESD Protection
January, 2014 ??Rev. 1
logo
Exar Corporation
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
logo
ON Semiconductor
CM1223 ONSEMI-CM1223_12 Datasheet
335Kb / 13P
Capacitance ESD Protection Arrays with Backdrive Protection
July, 2012 ??Rev. 6
logo
Texas Instruments
THVD1505 TI1-THVD1505 Datasheet
883Kb / 27P
THVD1505 Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
THVD1330 TI-THVD1330 Datasheet
1Mb / 26P
THVD1330 32-Mbps 3.3-V RS485 Transceiver with IEC ESD Protection
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com