Electronic Components Datasheet Search
  English  ▼

X  

REG711 Datasheet(PDF) 1 Page - Texas Instruments

Part # REG711
Description  50mA SWITCHED-CAP DC/DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REG711 Datasheet(HTML) 1 Page - Texas Instruments

  REG711 Datasheet HTML 1Page - Texas Instruments REG711 Datasheet HTML 2Page - Texas Instruments REG711 Datasheet HTML 3Page - Texas Instruments REG711 Datasheet HTML 4Page - Texas Instruments REG711 Datasheet HTML 5Page - Texas Instruments REG711 Datasheet HTML 6Page - Texas Instruments REG711 Datasheet HTML 7Page - Texas Instruments REG711 Datasheet HTML 8Page - Texas Instruments REG711 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
50mA SWITCHED-CAP DC/DC CONVERTER
REG711
FEATURES
q WIDE INPUT RANGE: 1.8V TO 5.5V
5V VERSION: 2.7V TO 5.5V
q AUTOMATIC STEP-UP/STEP-DOWN
OPERATION
q LOW INPUT CURRENT RIPPLE
q LOW OUTPUT VOLTAGE RIPPLE
q MINIMUM NUMBER OF EXTERNAL
COMPONENTS—NO INDUCTORS
q 1MHz INTERNAL OSCILLATOR ALLOWS
SMALL CAPACITORS
q “SHUTDOWN” MODE
q THERMAL AND CURRENT LIMIT
PROTECTION
q FIVE OUTPUT VOLTAGES AVAILABLE:
5.0V, 3.3V, 3.0V, 2.7V, 2.5V
q THIN, SMALL PACKAGE: MSOP-8
APPLICATIONS
q SMART CARD READERS
q CELLULAR PHONES
q SIM CARD SUPPLIES
q PORTABLE COMMUNICATION DEVICES
q PERSONAL DIGITAL ASSISTANTS
q MODEMS
q NOTEBOOK AND PALM-TOP COMPUTERS
q ELECTRONIC GAMES
q HANDHELD METERS
q PCMCIA CARDS
q CARD BUSES
q LCD DISPLAYS
DESCRIPTION
The REG711 is a switched capacitor voltage con-
verter, which produces a regulated, low ripple output
voltage from an unregulated input voltage. A wide
input supply voltage of 1.8V to 5.5V makes the
REG711 ideal for a variety of battery sources, such as
single cell Li-Ion, or two and three cell Nickel or
Alkaline based chemistries.
The input voltage may vary above and below the
output voltage and the output will remain in regula-
tion. It works equally well for step up or down without
the need for an inductor, providing low EMI DC/DC
conversion. The high switching frequency allows the
use of small surface-mount capacitors, saving board
space and reducing cost. The REG711 is thermally
protected and current limited, protecting the load and
the regulator during fault conditions. Typical ground
pin current (quiescent current) is 1mA at full load,
60
µA with no load, and less than 1µA in shutdown
mode. This regulator comes in a thin MSOP-8 pack-
age with a component height of less than 1.1mm.
REG711
Copyright © 2000, Texas Instruments Incorporated
SBVS027A
Printed in U.S.A. February, 2001
www.ti.com
C
PUMP
C
IN
PGND
ENABLE
GND
C
OUT
R
LED
+
+
REG711


Similar Part No. - REG711

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG711 TI-REG711 Datasheet
181Kb / 10P
50mA SWITCHED-CAP DC/DC CONVERTER
REG711-2.5 TI2-REG711-2.5 Datasheet
253Kb / 11P
50mA SWITCHED-CAP DC/DC CONVERTER
REG711-2.7 TI2-REG711-2.7 Datasheet
253Kb / 11P
50mA SWITCHED-CAP DC/DC CONVERTER
REG711-25 TI1-REG711-25 Datasheet
515Kb / 13P
50mA SWITCHED-CAP DC/DC CONVERTER
REG711-3.0 TI2-REG711-3.0 Datasheet
253Kb / 11P
50mA SWITCHED-CAP DC/DC CONVERTER
More results

Similar Description - REG711

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Zetex Semiconductors
ZXCP330 ZETEX-ZXCP330 Datasheet
341Kb / 9P
SWITCHED CAPACITOR DC-DC CONVERTER
logo
Texas Instruments
REG711 TI-REG711 Datasheet
181Kb / 10P
50mA SWITCHED-CAP DC/DC CONVERTER
REG710 TI-REG710 Datasheet
378Kb / 15P
60MA SWITCHED CAP BUCK/BOOST CONVERTER
logo
National Semiconductor ...
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Burr-Brown (TI)
REG710 BURR-BROWN-REG710_07 Datasheet
433Kb / 18P
60mA Switched-Cap BUCK/BOOST CONVERTER
logo
Texas Instruments
REG711-25 TI1-REG711-25 Datasheet
515Kb / 13P
50mA SWITCHED-CAP DC/DC CONVERTER
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com