Electronic Components Datasheet Search
  English  ▼

X  

TLV271IDBV Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV271IDBV
Description  550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV271IDBV Datasheet(HTML) 4 Page - Texas Instruments

  TLV271IDBV Datasheet HTML 1Page - Texas Instruments TLV271IDBV Datasheet HTML 2Page - Texas Instruments TLV271IDBV Datasheet HTML 3Page - Texas Instruments TLV271IDBV Datasheet HTML 4Page - Texas Instruments TLV271IDBV Datasheet HTML 5Page - Texas Instruments TLV271IDBV Datasheet HTML 6Page - Texas Instruments TLV271IDBV Datasheet HTML 7Page - Texas Instruments TLV271IDBV Datasheet HTML 8Page - Texas Instruments TLV271IDBV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TLV271, TLV272, TLV274
FAMILY OF 550 µA/Ch 3MHz RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS
SLOS351D − MARCH 2001 − REVISED FEBRUARY 2004
4
WWW.TI.COM
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VDD (see Note 1)
16.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID
±VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.2 V to VDD + 0.2 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current range, II
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current range, IO
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: C suffix
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I suffix
−40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values, except differential voltages, are with respect to GND.
DISSIPATION RATING TABLE
PACKAGE
θJC
(
°C/W)
θJA
(
°C/W)
TA ≤ 25°C
POWER RATING
TA = 25°C
POWER RATING
D (8)
38.3
176
710 mW
396 mW
D (14)
26.9
122.3
1022 mW
531 mW
D (16)
25.7
114.7
1090 mW
567 mW
DBV (5)
55
324.1
385 mW
201 mW
DBV (6)
55
294.3
425 mW
221 mW
DGK (8)
54.23
259.96
481 mW
250 mW
DGS (10)
54.1
257.71
485 mW
252 mW
N (14, 16)
32
78
1600 mW
833 mW
P (8)
41
104
1200 mW
625 mW
PW (14)
29.3
173.6
720 mW
374 mW
PW (16)
28.7
161.4
774 mW
403 mW
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VDD
Single supply
2.7
16
V
Supply voltage, VDD
Split supply
±1.35
±8
V
Common-mode input voltage range, VICR
0
VDD−1.35
V
Operating free-air temperature, TA
C-suffix
0
70
°C
Operating free-air temperature, TA
I-suffix
−40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com