Electronic Components Datasheet Search
  English  ▼

X  

SST4119 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SST4119
Description  N-Channel JFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST4119 Datasheet(HTML) 5 Page - Vishay Siliconix

  SST4119 Datasheet HTML 1Page - Vishay Siliconix SST4119 Datasheet HTML 2Page - Vishay Siliconix SST4119 Datasheet HTML 3Page - Vishay Siliconix SST4119 Datasheet HTML 4Page - Vishay Siliconix SST4119 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2N/PN/SST4117A Series
Vishay Siliconix
Document Number: 70239
S-41231—Rev. G, 28-Jun-04
www.vishay.com
5
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
2
1
0
0.01
0.1
1
Equivalent Input Noise Voltage vs. Frequency
ID − Drain Current (mA)
Common-Source Reverse Feedback Capacitance
vs. Gate-Source Voltage
On-Resistance vs. Drain Current
Output Conductance vs. Drain Current
VDS = 10 V
f = 1 kHz
0.5
0
−8
−20
−16
−4
0.4
0.3
0.1
0
f = 1 MHz
VDS = 0 V
10 V
10
100
1 k
100 k
10 k
200
0
VDS = 10 V
ID = 10 mA
VGS = 0 V
TA = −55_C
125_C
ID − Drain Current (mA)
VGS − Gate-Source Voltage (V)
f − Frequency (Hz)
0.2
160
120
40
80
−12
VGS(off) = −2.5 V
20
0
0.01
0.1
1
16
12
8
4
VGS(off) = −0.7 V
−2.5 V
TA = 25_C
25_C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com