Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS0332 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS0332
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332 Datasheet(HTML) 73 Page - Texas Instruments

Back Button TMS570LS0332 Datasheet HTML 69Page - Texas Instruments TMS570LS0332 Datasheet HTML 70Page - Texas Instruments TMS570LS0332 Datasheet HTML 71Page - Texas Instruments TMS570LS0332 Datasheet HTML 72Page - Texas Instruments TMS570LS0332 Datasheet HTML 73Page - Texas Instruments TMS570LS0332 Datasheet HTML 74Page - Texas Instruments TMS570LS0332 Datasheet HTML 75Page - Texas Instruments TMS570LS0332 Datasheet HTML 76Page - Texas Instruments TMS570LS0332 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 110 page
background image
TMS570LS0432, TMS570LS0332
www.ti.com
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
Table 7-6. MibADC Timing Specifications
PARAMETER
MIN
NOM
MAX
UNIT
tc(ADCLK)
(1)
Cycle time, MibADC clock
33
ns
td(SH)
(2)
Delay time, sample and hold time
200
ns
Delay time from ADC power on until first input can be
td(PU-ADV)
1
µs
sampled
12-BIT MODE
td(C)
Delay time, conversion time
400
ns
td(SHC)
(3)
Delay time, total sample/hold and conversion time
600
ns
10-BIT MODE
td(C)
Delay time, conversion time
330
ns
td(SHC)
(3)
Delay time, total sample/hold and conversion time
530
ns
(1)
The MibADC clock is the ADCLK, generated by dividing down the VCLK by a prescale factor defined by the ADCLOCKCR register bits
4:0.
(2)
The sample and hold time for the ADC conversions is defined by the ADCLK frequency and the AD<GP>SAMP register for each
conversion group. The sample time must be determined by accounting for the external impedance connected to the input channel as
well as the internal impedance of the ADC.
(3)
This is the minimum sample/hold and conversion time that can be achieved. These parameters are dependent on many factors for
example, the prescale settings.
Copyright © 2012–2015, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
73
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com