Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5416 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5416 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 29Page - Texas Instruments TMS320VC5416 Datasheet HTML 30Page - Texas Instruments TMS320VC5416 Datasheet HTML 31Page - Texas Instruments TMS320VC5416 Datasheet HTML 32Page - Texas Instruments TMS320VC5416 Datasheet HTML 33Page - Texas Instruments TMS320VC5416 Datasheet HTML 34Page - Texas Instruments TMS320VC5416 Datasheet HTML 35Page - Texas Instruments TMS320VC5416 Datasheet HTML 36Page - Texas Instruments TMS320VC5416 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 98 page
background image
TMS320VC5416
Fixed-Point Digital Signal Processor
www.ti.com
SPRS095P – MARCH 1999 – REVISED OCTOBER 2008
This clock generator allows system designers to select the clock source. The sources that drive the clock
generator are:
• A crystal resonator circuit. The crystal resonator circuit is connected across the X1 and X2/CLKIN pins
of the device to enable the internal oscillator.
• An external clock. The external clock source is directly connected to the X2/CLKIN pin, and X1 is left
unconnected.
NOTE
The crystal oscillator function is not supported by all die revisions of the device. See the
TMS320VC5416 Digital Signal Processor Silicon Errata (literature number SPRZ172) to
verify which die revisions support this functionality.
The software-programmable PLL features a high level of flexibility, and includes a clock scaler that
provides various clock multiplier ratios, capability to directly enable and disable the PLL, and a PLL lock
timer that can be used to delay switching to PLL clocking mode of the device until lock is achieved.
Devices that have a built-in software-programmable PLL can be configured in one of two clock modes:
• PLL mode. The input clock (X2/CLKIN) is multiplied by 1 of 31 possible ratios.
• DIV (divider) mode. The input clock is divided by 2 or 4. Note that when DIV mode is used, the PLL
can be completely disabled in order to minimize power dissipation.
The software-programmable PLL is controlled using the 16-bit memory-mapped (address 0058h) clock
mode register (CLKMD). The CLKMD register is used to define the clock configuration of the PLL clock
module. Note that upon reset, the CLKMD register is initialized with a predetermined value dependent only
upon the state of the CLKMD1 - CLKMD3 pins. For more programming information, see the TMS320C54x
DSP Reference Set, Volume 1: CPU and Peripherals (literature number SPRU131). The CLKMD pin
configured clock options are shown in Table 3-8.
Table 3-8. Clock Mode Settings at Reset
CLKMD1
CLKMD2
CLKMD3
CLKMD RESET VALUE CLOCK MODE(1)
0
0
0
0000h
1/2 (PLL disabled)
0
0
1
9007h
PLL x 10
0
1
0
4007h
PLL x 5
1
0
0
1007h
PLL x 2
1
1
0
F007h
PLL x 1
1
1
1
0000h
1/2 (PLL disabled)
1
0
1
F000h
1/4 (PLL disabled)
0
1
1
—
Reserved (Bypass mode)
(1)
The external CLKMD1-CLKMD3 pins are sampled to determine the desired clock generation mode while RS is low. Following reset, the
clock generation mode can be reconfigured by writing to the internal clock mode register in software.
Submit Documentation Feedback
Functional Overview
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com