Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC549 Datasheet(PDF) 44 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC549 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 40Page - Texas Instruments TMS320VC549 Datasheet HTML 41Page - Texas Instruments TMS320VC549 Datasheet HTML 42Page - Texas Instruments TMS320VC549 Datasheet HTML 43Page - Texas Instruments TMS320VC549 Datasheet HTML 44Page - Texas Instruments TMS320VC549 Datasheet HTML 45Page - Texas Instruments TMS320VC549 Datasheet HTML 46Page - Texas Instruments TMS320VC549 Datasheet HTML 47Page - Texas Instruments TMS320VC549 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
TMS320VC549
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS078G − SEPTEMBER 1998 − REVISED OCTOBER 2004
44
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
serial port transmit timing (continued)
switching characteristics over recommended operating conditions for serial port transmit with
internal clocks and frames [H = 0.5tc(CO)] (see Figure 23)
PARAMETER
549-80
549-100
549-120
UNIT
MIN
TYP
MAX
tc(SCK)
Cycle time, serial port clock
8H
ns
td(FSX)
Delay time, CLKX rising to FSX
7
ns
td(DX)
Delay time, CLKX rising to DX
7
ns
tdis(DX)
Disable time, CLKX rising to DX
20
ns
th(DX)
Hold time, DX valid after CLKX rising edge
−2
ns
tf(SCK)
Fall time, serial port clock
3
ns
tr(SCK)
Rise time, serial port clock
3
ns
tw(SCK)
Pulse duration, serial port clock low/high
4H − 4
ns
DX
FSX
CLKX
8/16
7/15
2
1
th(DX)
tw(SCK)
tc(SCK)
td(FSX)
td(FSX)
td(DX)
tdis(DX)
tw(SCK)
tr(SCK)
tf(SCK)
Figure 23. Serial Port Transmit Timing With Internal Clocks and Frames



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com