Electronic Components Datasheet Search
  English  ▼

X  

MCP23017T-E/ML Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP23017T-E/ML
Description  16-Bit I/O Expander with Serial Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23017T-E/ML Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP23017T-E/ML Datasheet HTML 22Page - Microchip Technology MCP23017T-E/ML Datasheet HTML 23Page - Microchip Technology MCP23017T-E/ML Datasheet HTML 24Page - Microchip Technology MCP23017T-E/ML Datasheet HTML 25Page - Microchip Technology MCP23017T-E/ML Datasheet HTML 26Page - Microchip Technology MCP23017T-E/ML Datasheet HTML 27Page - Microchip Technology MCP23017T-E/ML Datasheet HTML 28Page - Microchip Technology MCP23017T-E/ML Datasheet HTML 29Page - Microchip Technology MCP23017T-E/ML Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
MCP23017/MCP23S17
DS20001952C-page 26
 2005-2016 Microchip Technology Inc.
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
MCP23017-E/SO
3
e
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
28-Lead SOIC
Example:
28-Lead SSOP
YYWWNNN
XXXXXXXXXXXX
XXXXXXXXXXXX
Example:
28-Lead QFN
Example:
28-Lead SPDIP
Example:
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
YYWWNN
MCP23017-E/SP
1628256
3
e
MCP23017
E/SS 3
e
1628256
23017
E/ML
1628256
3
e
1628256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42