Electronic Components Datasheet Search
  English  ▼

X  

MCP2021A Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP2021A
Description  LIN Transceiver with Voltage Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2021A Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP2021A Datasheet HTML 9Page - Microchip Technology MCP2021A Datasheet HTML 10Page - Microchip Technology MCP2021A Datasheet HTML 11Page - Microchip Technology MCP2021A Datasheet HTML 12Page - Microchip Technology MCP2021A Datasheet HTML 13Page - Microchip Technology MCP2021A Datasheet HTML 14Page - Microchip Technology MCP2021A Datasheet HTML 15Page - Microchip Technology MCP2021A Datasheet HTML 16Page - Microchip Technology MCP2021A Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
 2012-2014 Microchip Technology Inc.
DS20002298C-page 13
MCP2021A/2A
1.6
Typical Applications
FIGURE 1-7:
TYPICAL APPLICATION CIRCUIT
FIGURE 1-8:
TYPICAL LIN NETWORK CONFIGURATION
LIN Bus
VBB
LBUS
VREG
TXD
RXD
VSS
VDD
TXD
RXD
Microcontroller
VBAT
CBAT
CREG
CS/LWAKE
I/O
FAULT/TXE
I/O
43V (5)
1k
VBB
Master Node Only
VBAT
220 k
Wake-Up
Note 1:
CREG, the load capacitor, should be ceramic or tantalum rated for extended temperatures, 1.0 – 22 µF.
See Figure 2-1 to select the correct ESR.
2:
CBAT is the filter capacitor for the external voltage supply. Typically 10 x CREG, with no ESR restriction.
See Figure 1-6 to select the minimum recommended value for CBAT. The RTP value is added to the line
resistance.
3:
This diode is only needed if CS/LWAKE is connected to the VBAT supply.
4:
ESD protection diode.
5:
This component is for additional load dump protection.
6:
An external 10 kΩ resistor is recommended for some applications.
(3)
RTP
RESET
RESET
VSS
I/O
(6)
100 nF
MMBZ27V (4)
220 pF
LIN bus
MCP202XA
1k
VBB
40m
+ Return
LIN bus
LIN bus
MCP205X
LIN bus
MCP202XA
LIN bus
MCP2003
Slave 1
(MCU)
Slave 2
(MCU)
Slave n <16
(MCU)
Master
(MCU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com