Electronic Components Datasheet Search
  English  ▼

X  

CL-201IR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CL-201IR
Description  Miniature Surface Mountable Infrared CHIP LED CL-201 IR-X
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CL-201IR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CL-201IR Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
78
超小型表面実装型赤外チップ LED
CL-201IR-X
Miniature Surface Mountable Infrared Chip LED CL-201IR-X
■外形寸法図/Outline drawing
単位/Unit : mm
推奨はんだ付けパターン
The following soldering patterns are recommended for
reflow-soldering:
特徴/ Features
1. 上面発光及び側面発光のいずれにも
実装可能。
2. 外型寸法は3.2(L)×2.4(W)×2.4
(H)mm小型・角型サイズ。
3. チップマウンターによるプリント基
板への自動実装可能。
4. リフローはんだ対応。
1. Both mounting available; namely,
uplight and right-angle mounting
2. Small and square size, dimensions:
3.2(L)×2.4(W)×2.4(H) mm
3. Automatic mounting by chip mounter
available
4. Reflow soldering available
用途/ Application
1. リモコンの送信用赤外光源。
2. 各種光センサ用光源。
1. IR transmitter for remote control
commander
2. IR light source for opto-sensors
諸特性/ Characteristics
■絶対最大定格/Absolute Maximum Rating
(Ta 25℃)
■電気的光学的特性/Electro-optical characteristics
(Ta 25℃)
項目/Item
記号/Symbol
定格値/Rating
単位/Unit
許容損失/Power dissipation
Pd
80
mW
順電流/Forward current
IF
50
mA
パルス順電流/Pulse forward current
IFP
1※1
A
逆電圧/Reverse voltage
VR
5V
動作温度範囲/Operating temperature range
TOP
-30∼+85
℃
保存温度範囲/Storage temperature range
TST
-35∼+90
℃
※1.Duty比 1%以下 f=1KHz /※1.Duty ratio≦ 1% Frequensy=1KHz
Ie-IFP 特性
Ie-IFP Characteristics
0
200 400 600
800 1000
16
18
14
12
10
8
4
2
6
20
IFP(mA)
1.0
1.5
2.0
2.5
3.0
1000
100
10
1
VF(V)
IF-VF 特性
IF-VF Characteristics
50
60
40
20
30
0
10
IFmax-Ta 特性
IFmax-Ta Characteristics
-40
-20
0
20
40
60
80
Ta(˚C)
IF (mA)
Ie-IF 特性
Ie-IF Characteristics
1
10
100
50
10
1
-40
-20
0
20
40
60
80
10
1
0.1
Ta(˚C)
Ie-Ta 特性
Ie-Ta Characteristics
IF=50mA
Pulse Width
≤1msec
Duty Ratio (%)
IFP-Duty Ratio
特性
IFP-Duty Ratio Characteristics
0.1
1
10
100
1000
100
10
Ta=25˚C
100
80
60
40
20
50
°
40
°
30
°
60
°
70
°
80
°
90
°
50
°
40
°
30
°
60
°
70
°
80
°
90
°
20
°
10
°
0
°
10
°
20
°
指向特性
Directive Characteristics (Ta=25˚C)
VF-Ta 特性
-40 -20
0
20
40
60
80 100
0
1.5
1.6
1.4
1.3
1.2
1.0
1.1
VF-Ta Characteristics
Ta (˚C)
P-Di素子
P-Di die
樹脂
基板
Resin
P.C.board
2.4
(2.1)
(1.2)
2.4
カソードマーク
Cathode mark
極性
Polarity
はんだ付け電極
Soldering terminal
2
1.5
1.5
1.8
1.35
1.35
基板はんだ付けパターン
(上面発光用)
(側面発光用)
Soltering pattern on P.C. Board
(For upright mounting)
(For right-angle mounting)
部品コード
発光色
Code for parts
Lighting color
VF(IF=50mA)
λP
Δλ
Ie(IF=50mA)
TYP(V)
MAX(V)
(nm)
(nm)
MIN
TYP
(mW/sr)
(mW/sr))
CL-201IR
赤外/Infrared
1.3
1.6
950
45
7
2


Similar Part No. - CL-201IR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CL-201 ETC-CL-201 Datasheet
349Kb / 8P
ULTRA SMALL CHIP LEDS FOR USE IN VARIOUS ELECTRONIC PRODUCTS
logo
CITIZEN ELECTRONICS CO....
CL-201B1-CD-T CITIZEN-CL-201B1-CD-T Datasheet
345Kb / 8P
Featuring world-class product variations and ease of SMD assembly. Ultra-small Chip-LEDs for use in various electronic products.
CL-201B1-XD-T CITIZEN-CL-201B1-XD-T Datasheet
345Kb / 8P
Featuring world-class product variations and ease of SMD assembly. Ultra-small Chip-LEDs for use in various electronic products.
CL-201BG1-CD-T CITIZEN-CL-201BG1-CD-T Datasheet
345Kb / 8P
Featuring world-class product variations and ease of SMD assembly. Ultra-small Chip-LEDs for use in various electronic products.
CL-201BG1-XD-T CITIZEN-CL-201BG1-XD-T Datasheet
345Kb / 8P
Featuring world-class product variations and ease of SMD assembly. Ultra-small Chip-LEDs for use in various electronic products.
More results

Similar Description - CL-201IR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMT735 ETC-SMT735 Datasheet
26Kb / 1P
High Performance Infrared TOP IR LED
RS-140 ETC-RS-140 Datasheet
232Kb / 2P
Micro-size Surface Mountable Infrared Remote Control Receiver Unit
SMT820 ETC1-SMT820 Datasheet
72Kb / 1P
High Performance Infrared TOP IR LED
SMT810 ETC1-SMT810 Datasheet
93Kb / 1P
High Performance Infrared TOP IR LED
CPT-184 ETC1-CPT-184 Datasheet
230Kb / 1P
Surface Mountable Chip Photo-transistor
SMT850N ETC1-SMT850N Datasheet
100Kb / 1P
High Performance Infrared TOP IR LED
SMT720 ETC2-SMT720 Datasheet
29Kb / 1P
High Performance Infrared TOP IR LED
logo
Roithner LaserTechnik G...
SMT735 ROITHNER-SMT735 Datasheet
96Kb / 1P
high performance infrared top ir led
logo
List of Unclassifed Man...
QBLP651-IW ETC1-QBLP651-IW Datasheet
979Kb / 14P
IR Chip LED
logo
Luminus, Inc
SST-05-IR-B40 LUMINUS-SST-05-IR-B40 Datasheet
1Mb / 13P
SST-05-IR-850nm Surface Mount Series Infrared LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com