Electronic Components Datasheet Search
  English  ▼

X  

MB2505 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # MB2505
Description  SINGLE-PHASE SILICON BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MB2505 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  MB2505 Datasheet HTML 1Page - SUNMATE electronic Co., LTD MB2505 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CURRENT: 25A
Storage Temperature Range
MB2505-MB2510
SINGLE-PHASE SILICON BRIDGE RECTIFIER
MB2505 MB251 MB252 MB254 MB256 MB258 MB2510
VRRM







Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
Maximum Average Forward Rectified Output
Current, at TC = 50
 (Note 1, 2)
Peak Forward Surge Current
8.3ms single half sine - wave superimposed on
rated load (JEDEC method )
Rating for Fusing (t<8.3ms)
I
2tA 2s
per bridge element at 12.5A
Maximum DC Reverse Current at rated TA = 25

A
A

mA
Isolation Voltage from case to lugs
VISO
VAC
Typical Thermal Resistance (Note 1,2)
R
/W
Operating Temperature Range
TJ
TSTG
1. Unit mounted on 5" X 6" X 4.9" (12.8cm X 15.2cm X 12.4cm)Al. finned Plate.
2. Bolt down on heat-sink with silicon thermal compound between bridge and mounting sutfae for maximum heat
transfer efficiency with # 10 screw.
A

Maximum Repetitive Peak Reverse Voltage
VF
IR


IFSM
2.0
(-65 to +150)
(-65 to +150)


I(AV)
Maximum Instantaneous Forward Voltage Drop


DC blocking voltage per element
T















Characteristic
Unit
Symbol
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
VOLTAGE RANGE: 50 - 1000V
Features
Mechanical Data
!
!
!
!
!
!
!
!
Metal case for Maximum Heat Dissipation
Surge overload ratings-400 Amperes
Low forward voltage drop
Case: Metal, electrically isolated
Epoxy: UL 94V-0 rate flame retardant
Polarity: As marked
Mounting position: Any
Weight: 30 grams
V
V
V
A
V
MB-25
Dimensions in inches and (millimeters)
.673(17.1)
.633(16.1)
.480(12.2)
.425(10.8)
.732(18.6)
.692(17.6)
1.181(30.0)
1.102(28.0)
1.181(30.0)
1.102(28.0)
HOLE FOR
NO. 8 SCREW
.452
(11.5)
.582(14.8)
.543(13.8)
.673(17.1)
.633(16.1)
MAX.
.033X.250
(0.8X6.4)
+
AC
AC
1 of 2
www.sunmate.tw


Similar Part No. - MB2505

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MB2505 RECTRON-MB2505 Datasheet
27Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
logo
Bytes
MB2505 BYTES-MB2505 Datasheet
157Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Dc Components
MB2505 DCCOM-MB2505 Datasheet
390Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Formosa MS
MB2505 FORMOSA-MB2505 Datasheet
41Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
MB2505 MCC-MB2505 Datasheet
83Kb / 2P
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - MB2505

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
BR3505 LUGUANG-BR3505 Datasheet
291Kb / 2P
Single-phase Silicon Bridge Rectifier
logo
GeneSiC Semiconductor, ...
BR106 GENESIC-BR106_16 Datasheet
289Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC25005TW GENESIC-KBPC25005TW_16 Datasheet
338Kb / 3P
Single Phase Silicon Bridge Rectifier
KBU10005 GENESIC-KBU10005_16 Datasheet
297Kb / 3P
Single Phase Silicon Bridge Rectifier
BR86 GENESIC-BR86_18 Datasheet
409Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC1506T GENESIC-KBPC1506T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC15005T GENESIC-KBPC15005T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com