Electronic Components Datasheet Search
  English  ▼

X  

MCP1640 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1640
Description  0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1640 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1640_15 Datasheet HTML 9Page - Microchip Technology MCP1640_15 Datasheet HTML 10Page - Microchip Technology MCP1640_15 Datasheet HTML 11Page - Microchip Technology MCP1640_15 Datasheet HTML 12Page - Microchip Technology MCP1640_15 Datasheet HTML 13Page - Microchip Technology MCP1640_15 Datasheet HTML 14Page - Microchip Technology MCP1640_15 Datasheet HTML 15Page - Microchip Technology MCP1640_15 Datasheet HTML 16Page - Microchip Technology MCP1640_15 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
 2010-2015 Microchip Technology Inc.
DS20002234D-page 13
MCP1640/B/C/D
4.2.2
PWM-ONLY MODE OPERATION
In normal PWM operation, the MCP1640/B/C/D
operates as a fixed frequency, synchronous boost
converter.
The
switching
frequency
is
internally
maintained with a precision oscillator typically set to
500 kHz. The MCP1640B/D devices will operate in
PWM-Only mode even during periods of light load
operation. By operating in PWM-Only mode, the output
ripple remains low and the frequency is constant.
Operating in fixed PWM mode results in lower
efficiency during light load operation (when compared
to PFM mode (MCP1640/C)).
Lossless current sensing converts the peak current sig-
nal to a voltage to sum with the internal slope compen-
sation. This summed signal is compared to the voltage
error amplifier output to provide a peak current control
command
for
the
PWM
signal.
The
slope
compensation is adaptive to the input and output
voltage. Therefore, the converter provides the proper
amount of slope compensation to ensure stability, but is
not excessive, which causes a loss of phase margin.
The peak current limit is set to 800 mA typical.
4.2.3
PFM MODE OPERATION
The MCP1640/C devices are capable of operating in
normal PWM mode and PFM mode to maintain high
efficiency at all loads. In PFM mode, the output ripple
has a variable frequency component that changes with
the input voltage and output current. The value of the
output capacitor changes the low-frequency compo-
nent ripple. Output ripple peak-to-peak values are not
affected by the output capacitor. With no load, the qui-
escent current draw from the output is typically 19 µA.
This is not a switching current and is not dependent on
the input and output parameters. The no-load input cur-
rent drawn from the battery depends on the above
parameters. Its variation is shown in Figure 2-13. The
PFM mode can be disabled in selected device options.
PFM operation is initiated if the output load current falls
below an internally programmed threshold. The output
voltage is continuously monitored. When the output
voltage drops below its nominal value, PFM operation
pulses one or several times to bring the output back
into regulation. If the output load current rises above
the upper threshold, the MCP1640/C transitions
smoothly into PWM mode.
4.2.4
ADJUSTABLE OUTPUT VOLTAGE
The MCP1640/B/C/D output voltage is adjustable with
a resistor divider over a 2.0V minimum to 5.5V
maximum range. High-value resistors can be used to
minimize quiescent current to keep efficiency high at
light loads.
4.2.5
ENABLE PIN
The enable pin is used to turn the boost converter on
and off. The enable threshold voltage varies with input
voltage. To enable the boost converter, the EN voltage
level must be greater than 90% of the VIN voltage. To
disable the boost converter, the EN voltage must be
less than 20% of the VIN voltage.
4.2.6
INTERNAL BIAS
The MCP1640/B/C/D gets its start-up bias from VIN.
Once the output exceeds the input, bias comes from
the output. Therefore, once started, operation is
completely independent of VIN. Operation is only
limited by the output power level and the input source
series resistance. When started, the output will remain
in regulation down to 0.35V typical with 1 mA output
current for low source impedance inputs.
4.2.7
INTERNAL COMPENSATION
The error amplifier, with its associated compensation
network,
completes
the
closed-loop
system
by
comparing the output voltage to a reference at the
input of the error amplifier, and feeding the amplified
and inverted signal to the control input of the inner
current loop. The compensation network provides
phase leads and lags at appropriate frequencies to
cancel excessive phase lags and leads of the power
circuit. All necessary compensation components and
slope compensation are integrated.
4.2.8
SHORT CIRCUIT PROTECTION
Unlike most boost converters, the MCP1640/B/C/D
allows its output to be shorted during normal operation.
The
internal
current
limit
and
overtemperature
protection limit excessive stress and protect the device
during periods of short circuit, overcurrent and over-
temperature. While operating in Bypass mode, the
P-Channel current limit is inhibited to minimize
quiescent current.
4.2.9
LOW NOISE OPERATION
The MCP1640/B/C/D integrates a low noise anti-ring
switch that damps the oscillations typically observed at
the switch node of a boost converter when operating in
the
Discontinuous
Inductor
Current
mode.
This
removes the high-frequency radiated noise.
4.2.10
OVERTEMPERATURE
PROTECTION
Overtemperature protection circuitry is integrated into
the MCP1640/B/C/D. This circuitry monitors the device
junction temperature and shuts the device off if the
junction temperature exceeds the typical +150°C
threshold. If this threshold is exceeded, the device will
automatically restart when the junction temperature
drops by 10°C. The soft start is reset during an
overtemperature condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com