Electronic Components Datasheet Search
  English  ▼

X  

MCP1632-BAE/MC Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP1632-BAE/MC
Description  High-Speed, Low-Side PWM Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1632-BAE/MC Datasheet(HTML) 2 Page - Microchip Technology

  MCP1632-BAE/MC Datasheet HTML 1Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 2Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 3Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 4Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 5Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 6Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 7Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 8Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
MCP1632
DS20005254A-page 2
 2013 Microchip Technology Inc.
Functional Block Diagram
VEXT
10 k
Oscillator
EN
UVLO
Overtemperature
Q
Q
S
R
GND
PWM
Comp
+
-
CS
VIN
VIN
VIN
EA
VIN
2R
R
2.7V
COMP
FB
VREF
Latch Truth Table
S
R
Q
0
1
0
0
1
1
1
1
1
00
Qn
+
-
300/600 kHz
VIN
50 μA
CLK
Reference
Voltage
VDRIVE
RAMP
+1
6k
Shutdown
Circuit
SS Reset
SS Reset
CS
Blanking
100 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com