Electronic Components Datasheet Search
  English  ▼

X  

MCP1632-BAE/MS Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP1632-BAE/MS
Description  High-Speed, Low-Side PWM Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1632-BAE/MS Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP1632-BAE/MS Datasheet HTML 2Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 3Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 4Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 5Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 6Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 7Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 8Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 9Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
MCP1632
DS20005254A-page 6
 2013 Microchip Technology Inc.
TEMPERATURE SPECIFICATIONS
Electrical Specifications:
VIN = 3.0V to 5.5V, FOSC =600 kHz, CIN = 0.1 µF. TA = -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Junction Temperature
Range
TA
-40
—
+125
°C
Steady state
Storage Temperature Range
TA
-65
—
+150
°C
Maximum Junction Temperature
TJ
—
—
+150
°C
Transient
Thermal Package Resistances
Thermal Resistance,
8L-DFN (2 mm x 3 mm)
JA
—
75
—
°C/W Typical 4-layer board with two
interconnecting vias.
Thermal Resistance, 8L-MSOP
JA
—
211
—
°C/W Typical 4-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com