Electronic Components Datasheet Search
  English  ▼

X  

MPC104 Datasheet(PDF) 15 Page - Texas Instruments

Part # MPC104
Description  Wide-Bandwidth 2x1 VIDEO MULTIPLEXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPC104 Datasheet(HTML) 15 Page - Texas Instruments

Back Button MPC104 Datasheet HTML 8Page - Texas Instruments MPC104 Datasheet HTML 9Page - Texas Instruments MPC104 Datasheet HTML 10Page - Texas Instruments MPC104 Datasheet HTML 11Page - Texas Instruments MPC104 Datasheet HTML 12Page - Texas Instruments MPC104 Datasheet HTML 13Page - Texas Instruments MPC104 Datasheet HTML 14Page - Texas Instruments MPC104 Datasheet HTML 15Page - Texas Instruments MPC104 Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
®
MPC104
15
FIGURE 14. Input Multiplexer for RGB Video Signals.
Red
1
Red
2
75
Ω
75
Ω
100
Ω
100
Ω
1
4
CH1
CH2
+
2.2µF
2.2µF
+
–5V
+5V
MPC104
6
3
2
6
+
+
2.2µF
2.2µF
+5V –5V
7
4
150
Ω
10nF
10nF
75
Ω
390
Ω
Red Out
390
Ω
OPA623
Green
1
Green
2
75
Ω
75
Ω
100
Ω
100
Ω
1
4
CH3
CH4
+
2.2µF
2.2µF
+
–5V
+5V
MPC104
6
3
2
6
+
+
2.2µF
2.2µF
+5V –5V
7
4
150
Ω
10nF
10nF
75
Ω
390
Ω
Green Out
390
Ω
OPA623
Blue
1
Blue
2
75
Ω
75
Ω
100
Ω
100
Ω
1
4
CH5
CH6
+
2.2µF
2.2µF
+
–5V
+5V
MPC104
6
3
2
6
+
+
2.2µF
2.2µF
+5V –5V
7
4
150
Ω
10nF
10nF
75
Ω
390
Ω
Blue Out
390
Ω
OPA623
85
73
85
73
73
Channel CH
1 - CH6
TTL-Select Lines
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com