Electronic Components Datasheet Search
  English  ▼

X  

MCP1416 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP1416
Description  Tiny 1.5A, High-Speed Power MOSFET Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1416 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP1416 Datasheet HTML 8Page - Microchip Technology MCP1416 Datasheet HTML 9Page - Microchip Technology MCP1416 Datasheet HTML 10Page - Microchip Technology MCP1416 Datasheet HTML 11Page - Microchip Technology MCP1416 Datasheet HTML 12Page - Microchip Technology MCP1416 Datasheet HTML 13Page - Microchip Technology MCP1416 Datasheet HTML 14Page - Microchip Technology MCP1416 Datasheet HTML 15Page - Microchip Technology MCP1416 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
MCP1415/16
DS20002092G-page 12
 2008-2016 Microchip Technology Inc.
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
5-Lead SOT-23
XXNN
Example
FYNN
Standard Markings for SOT-23
Part Number
Code
MCP1415T-E/OT
FYNN
MCP1415RT-E/OT
F7NN
MCP1416T-E/OT
FZNN
MCP1416RT-E/OT
F8NN
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will be carried over
to the next line, thus limiting the number of available characters for customer-specific
information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com