Electronic Components Datasheet Search
  English  ▼

X  

HV2662 Datasheet(PDF) 9 Page - Microchip Technology

Part # HV2662
Description  Low Harmonic Distortion, 24-Channel SPST High Voltage Analog Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2662 Datasheet(HTML) 9 Page - Microchip Technology

Back Button HV2662 Datasheet HTML 5Page - Microchip Technology HV2662 Datasheet HTML 6Page - Microchip Technology HV2662 Datasheet HTML 7Page - Microchip Technology HV2662 Datasheet HTML 8Page - Microchip Technology HV2662 Datasheet HTML 9Page - Microchip Technology HV2662 Datasheet HTML 10Page - Microchip Technology HV2662 Datasheet HTML 11Page - Microchip Technology HV2662 Datasheet HTML 12Page - Microchip Technology HV2662 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
 2016 Microchip Technology Inc.
DS20005372A-page 9
HV2662 / HV2762
3.0
FUNCTIONAL DESCRIPTION
FIGURE 3-1:
LOGIC TIMING WAVEFORMS
DATA IN
DIN
LE
CLOCK
DATA OUT
DOUT
OFF
ON
CLR
V
OUT
(typ)
50%
50%
50%
50%
t
WLE
t
SD
50%
50%
t
SU
t
h
t
OFF
50%
t
DO
t
ON
t
WCL
D
N - 1
D
N
D
N + 1
50%
50%
90%
10%
TABLE 3-1:
TRUTH TABLE
D01
D1
...
D15
D16
...
D232
LE3
CLR4 SW05,6
SW1
...
SW15
SW16
...
SW23
L
-
...
-
-
...
-
L
L
OFF
-
...
-
-
...
-
H
-
-
-
-
L
L
ON
-
-
-
-
-
L
-
-
-
L
L
-
OFF
-
-
-
-
H
-
-
-
L
L
-
ON
-
-
-
-
-
-
-
-
L
L
-
-
-
-
-
-
-
-
-
-
L
L
-
-
-
-
-
-
-
L
-
-
L
L
-
-
OFF
-
-
-
-
H
-
-
L
L
-
-
ON
-
-
-
-
-
L
-
L
L
-
-
-
OFF
-
-
-
-
H
-
L
L
-
-
-
ON
-
-
-
-
-
-
L
L
-
-
-
-
-
-
-
-
-
-
L
L
-
-
-
-
-
-
-
-
-
-
L
L
-
-
-
-
-
-
-
-
-
-
L
L
-
-
-
-
-
-
-
-
-
L
L
L
-
-
-
-
OFF
-
-
-
-
H
L
L
-
-
-
-
ON
X
X
X
X
X
X
X
H
L
HOLD PREVIOUS STATE
X
X
X
X
X
X
X
X
H
ALL SWITCHES OFF
Note 1: Serial data is clocked in on the L to H transition of the CLK
2: DOUT is high when data in the register 23 is high.
3: Shift registers clocking has no effect on the switch states if LE is high.
4: The CLR clear input overrides all other inputs.
5: The 24 switches operate independently.
6: All 24 switches go to a state retaining their latched condition at the rising edge of LE. When LE is low, the
shift registers data flow through the latch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com