Electronic Components Datasheet Search
  English  ▼

X  

HCS500 Datasheet(PDF) 11 Page - Microchip Technology

Part # HCS500
Description  KEELOQ짰 Code Hopping Decoder
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS500 Datasheet(HTML) 11 Page - Microchip Technology

Back Button HCS500_15 Datasheet HTML 7Page - Microchip Technology HCS500_15 Datasheet HTML 8Page - Microchip Technology HCS500_15 Datasheet HTML 9Page - Microchip Technology HCS500_15 Datasheet HTML 10Page - Microchip Technology HCS500_15 Datasheet HTML 11Page - Microchip Technology HCS500_15 Datasheet HTML 12Page - Microchip Technology HCS500_15 Datasheet HTML 13Page - Microchip Technology HCS500_15 Datasheet HTML 14Page - Microchip Technology HCS500_15 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
 2001-2015 Microchip Technology Inc.
DS40000153E-page 11
HCS500
4.2.3
COMMAND ACTIVATION TIMES
The command activation time (Table 4-1) is defined as
the maximum time the microcontroller has to wait for a
response from the decoder. The decoder will abort and
service the command request. The response time
depends on the state of the decoder when the
Command mode is requested.
4.2.4
DECODER COMMANDS
The command byte specifies the operation required by
the controlling microcontroller. Table 4-2 lists the
commands.
TABLE 4-1:
COMMAND ACTIVATION TIMES
Decoder State
Min
Max
While receiving transmissions
—
2.5 ms BPWMAX = 2.7 ms
During the validation of a received transmission
—
3 ms
During the update of the sync counters
—
40 ms
During learn
—
170 ms
Note:
*These parameters are characterized but not tested.
TABLE 4-2:
DECODER COMMANDS
Instruction
Command Byte
Operation
READ
F016
Read a byte from user EEPROM
WRITE
E116
Write a byte to user EEPROM
ACTIVATE_LRN
D216
Activate a learn sequence on the decoder
ERASE_ALL
C316
Activate an erase all function on the decoder
PROGRAM
B416
Program manufacturer’s code and Configuration byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com